Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 97 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 97 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 93Page - Microchip Technology UCS1002-3 Datasheet HTML 94Page - Microchip Technology UCS1002-3 Datasheet HTML 95Page - Microchip Technology UCS1002-3 Datasheet HTML 96Page - Microchip Technology UCS1002-3 Datasheet HTML 97Page - Microchip Technology UCS1002-3 Datasheet HTML 98Page - Microchip Technology UCS1002-3 Datasheet HTML 99Page - Microchip Technology UCS1002-3 Datasheet HTML 100Page - Microchip Technology UCS1002-3 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 97
UCS1002-3
10.14.2
CUSTOM CURRENT LIMITING
BEHAVIOR CONFIGURATION
REGISTER
The Custom Current Limiting Behavior Configuration
Register enables programming of current limit
parameters. These controls are used when a portable
device handshakes using the Legacy charger
emulation profiles (except Legacy 3), the Custom
charger emulation profile, or does not handshake as a
dedicated charger (that is, a power thief).
The contents of this register are retained in Sleep.
REGISTER 10-49: CUSTOM CURRENT LIMITING BEHAVIOR CONFIG REGISTER (ADDRESS 51h)
R/W-1
R/W-0
U-x
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
CS_VBUS_MIN[1:0]
—
CS_R2_IMIN[2:0]
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
CS_VBUS_MIN[1:0]: Defines the Custom VBUS_MIN voltage as shown below. Note that VBUS_MIN is
checked even when operating with Trip Current Limiting.
00 =
1.5V
01 =
1.75V
10 =
2.0V (default)
11 =
2.25V
bit 5
Unimplemented
bit 4-2
CS_R2_IMIN[2:0]: Define the Custom IBUS_R2MIN threshold as shown below. The default is 100 mA.
This value is used under the following conditions: when a portable device handshakes using the Legacy
charger emulation profiles (except Legacy 2) the Custom charger emulation profile, or when it does not
handshake in DCE Cycle (that is, a power thief). Under these conditions, the current limiting mode is
determined by the relative value of IBUS_R2MIN and ILIM. When IBUS_R2MIN  ILIM or ILIM > 1.5 A, Trip
Current Limiting is used; otherwise, CC mode is used.
Define the IBUS_R2MIN current as follows:
000 = 100 mA
001 = 500 mA
010 = 900 mA
011 = 1200 mA
100 = 1500 mA
101 = 1800 mA
bit 1-0
RESERVED: Do not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com