Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 53 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 53 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 49Page - Microchip Technology UCS1002-3 Datasheet HTML 50Page - Microchip Technology UCS1002-3 Datasheet HTML 51Page - Microchip Technology UCS1002-3 Datasheet HTML 52Page - Microchip Technology UCS1002-3 Datasheet HTML 53Page - Microchip Technology UCS1002-3 Datasheet HTML 54Page - Microchip Technology UCS1002-3 Datasheet HTML 55Page - Microchip Technology UCS1002-3 Datasheet HTML 56Page - Microchip Technology UCS1002-3 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 53
UCS1002-3
10.3.1
PROFILE STATUS 1 REGISTER
These bits are indicators only and do not cause the
ALERT# pin or A_DET# pin to change states.
The CUST, DCP, CDP and PT bits are cleared under
the following circumstances:
• the PWR_EN control is disabled
• a new Active mode is selected
• a Removal Detection event occurs.
REGISTER 10-5:
PROFILE STATUS 1 REGISTER (ADDRESS 12h)
R-0
U-x
U-x
R-0
R-0
R-0
R-0
R-0
NO_HS
—
—
VS_LOW
CUST
DCP
CDP
PT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
NO_HS: The NO_HS bit is only set during the Dedicated Charger Emulation Cycle (see Section 9.10 “No
Handshake”). This bit is automatically cleared whenever a new charger emulation profile is applied. (Note 1)
1 = No handshake at the end of the DCE Cycle.
0 = A new charger emulation profile is applied
bit 6-5
Unimplemented
bit 4
VS_LOW: Indicates that the VS voltage is below the VS_UVLO threshold and the port power switch is
held OFF. This bit is automatically cleared when the VS voltage is above the VS_UVLO threshold.
1 =VS < VS_UVLO
0 =VS > VS_UVLO
bit 3
CUST: Indicates that the portable device successfully performed a handshake with the user-defined
Custom Charger Emulation Profile during the DCE Cycle and is charging. Based on the Custom Charger
Emulation Profile configuration, the high-speed switch may either be open or closed (see Section 10.13
“Custom Emulation Configuration Registers”). The port power switch current limiting mode is
determined by the Custom current limiting behavior settings (see Section 10.14.2 “Custom Current
Limiting Behavior Configuration Register”).
1 = Custom Profile handshake complete
0 = No Custom Profile handshake
bit 2
DCP: Indicates that the portable device accepted the BC1.2 DCP charger emulation profile and is
charging. The high-speed switch is controlled via the HSW_DCE bit (see Section 10.4.5 “High-Speed
Switch Configuration Register”), and the port power switch uses Constant Current Limiting.
1 = DCP handshake complete
0 = No DCP handshake
bit 1
CDP: Indicates that the portable device successfully performed a handshake with the BC1.2 CDP
charger emulation profile and is charging. The high-speed switch is closed, and the port power switch
uses Trip Current Limiting.
1 = CDP handshake complete
0 = No CDP handshake
bit 0
PT: Indicates that the UCS1002-3 is in the Data Pass-Through or BC1.2 SDP Active mode. The
high-speed switch is closed, and the port power switch uses Trip Current Limiting. (Note 2)
1 = UCS1002-3 is in the Data Pass-Through or BC1.2 SDP Active mode.
0 = UCS1002-3 is not in the Data Pass-Through or BC1.2 SDP Active mode.
Note 1:
The NO_HS bit does not indicate that a portable device is drawing current and it may be cleared to ‘0’
(indicating a handshake) and a portable device not charge. This bit is set at the end of each charger emu-
lation profile if a portable device does not handshake with it. This bit is not set at the same time that any
other Profile Status register bits are set.
2: When the UCS1002-3 is configured as a Data Pass-Through and a Removal event and then an Attach
event occur without changing the Active mode, the PT bit is not set again even though the UCS1002-3 is
still operating as a Data Pass-Through as configured. Toggling the M1 control re-enables the PT status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com