Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 99 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 99 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 95Page - Microchip Technology UCS1002-3 Datasheet HTML 96Page - Microchip Technology UCS1002-3 Datasheet HTML 97Page - Microchip Technology UCS1002-3 Datasheet HTML 98Page - Microchip Technology UCS1002-3 Datasheet HTML 99Page - Microchip Technology UCS1002-3 Datasheet HTML 100Page - Microchip Technology UCS1002-3 Datasheet HTML 101Page - Microchip Technology UCS1002-3 Datasheet HTML 102Page - Microchip Technology UCS1002-3 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 99
UCS1002-3
11.0 COMMUNICATIONS
11.1
Operating Mode
The UCS1002-3 can operate in SMBus mode (see
Section 11.2 “SMBus Operating Mode”) or Stand-
Alone
mode
(see
Section 11.3
“Stand-Alone
Operating
Mode”).
The
resistor
on
the
COMM_SEL/ILIM pin determines the operating mode
and the hardware-set ILIM setting as shown in
Table 11-1. Unless connected to GND or VDD, the
resistors in Table 11-1 are pull-down resistors.
11.2
SMBus Operating Mode
When the COMM_SEL/ILIM pin is directly connected to
ground or though a pull-down resistor with a value of
33 k
 or below as listed in Table 11-1, the UCS1002-3
communicates via the SMBus or I2C communications
protocols.
11.2.1
SYSTEM MANAGEMENT BUS
In SMBus mode, the UCS1002-3 communicates with a
host controller. The SMBus is a two-wire serial
communication protocol between a computer host and
its peripheral devices. A detailed timing diagram is
shown in Figure 11-1. Stretching of the SMCLK signal
is supported; however, the UCS1002-3 does not
stretch the clock signal.
Note:
If it is necessary to connect the
COMM_SEL/ILIM pin to VDD via a pull-up
resistor, it is recommended that this
resistor value does not exceed 100 k
.
TABLE 11-1:
UCS1002-3 COMMUNICATION MODE AND ILIM SELECTION
SELECTION Resistor ±5%
ILIM Setting
Communications Mode
GND
500 mA
SMBus – see Section 11.2.1.2
10 k
 pull-down resistor
900 mA
SMBus – see Section 11.2.1.2
12 k
 pull-down resistor
1000 mA
SMBus – see Section 11.2.1.2
15 k
 pull-down resistor
1200 mA
SMBus – see Section 11.2.1.2
18 k
 pull-down resistor
1500 mA
SMBus – see Section 11.2.1.2
22 k
 pull-down resistor
1800 mA
SMBus – see Section 11.2.1.2
27 k
pull-down resistor
2000 mA
SMBus – see Section 11.2.1.2
33 k
 pull-down resistor
2500 mA
SMBus – see Section 11.2.1.2
47 k
 pull-down resistor
500 mA
Stand-Alone mode
56 k
 pull-down resistor
900 mA
Stand-Alone mode
68 k
 pull-down resistor
1000 mA
Stand-Alone mode
82 k
 pull-down resistor
1200 mA
Stand-Alone mode
100 k
 pull-down resistor
1500 mA
Stand-Alone mode
120 k
 pull-down resistor
1800 mA
Stand-Alone mode
150 k
 pull-down resistor
2000 mA
Stand-Alone mode
VDD (If a pull-up resistor is used, its
value must not exceed 100 k
.)
2500 mA
Stand-Alone mode
Note 1: Upon power-up, the UCS1002-3 does
not
respond
to
any
SMBus
communications for 5.5 ms. After this
time, full functionality is available.
2: When in the Sleep state, the first SMBus
read command sent to the UCS1002-3
device address wakes it. Any data sent to
the UCS1002-3 is ignored and any data
read from the UCS1002-3 must be
considered invalid. The UCS1002-3 is
fully functional 3 ms after this first read
command is sent. See Section 5.1.2
“Sleep State Operation”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com