Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 43 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 43 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 39Page - Microchip Technology UCS1002-3 Datasheet HTML 40Page - Microchip Technology UCS1002-3 Datasheet HTML 41Page - Microchip Technology UCS1002-3 Datasheet HTML 42Page - Microchip Technology UCS1002-3 Datasheet HTML 43Page - Microchip Technology UCS1002-3 Datasheet HTML 44Page - Microchip Technology UCS1002-3 Datasheet HTML 45Page - Microchip Technology UCS1002-3 Datasheet HTML 46Page - Microchip Technology UCS1002-3 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 43
UCS1002-3
9.9
Current Limit Mode Associations
The UCS1002-3 closes the port power switch and uses
the Current Limiting mode as shown in Table 9-2.
9.10
No Handshake
In DCE Cycle mode with emulation retry disabled, a
“No Handshake” condition is flagged. The NO_HS
status bit stays set (see Register 10-5) when the end of
the DCE Cycle is reached without a handshake and
without drawing current.
All signatures/handshaking placed on the DPOUT and
DMOUT pins are removed. The UCS1002-3 operates
with the high-speed switch opened or closed as
determined by the high-speed switch configuration and
uses Trip or Constant Current Limiting as determined
by the IBUS_R2MIN setting (CS_R2_IMIN[2:0] bits 4-2 in
the Custom Current Limiting Behavior Configuration
register 51h).
The portable devices that can cause this are generally
the ones that pull up DPOUT to some voltage and leave
it there, or apply the wrong voltage.
9.11
Preloaded Charger Emulation
Profiles
The following charger emulation profiles are resident to
the UCS1002-3:
• Legacy 1, 3, 4, and 6 Charger Emulation Profiles
• Legacy 2 Charger Emulation Profile
• Legacy 5 Charger Emulation Profile
• Legacy 7 Charger Emulation Profile
• BC1.2 CDP Charger Emulation Profile
• BC1.2 DCP Charger Emulation Profile
Additionally, the user may build a charger emulation
profile by determining the voltage and resistance
characteristics that are placed on each of the DPOUT
and DMOUT pins. See Section Section 9.12 “Custom
Charger Emulation Profile”.
9.11.1
BC1.2 DCP CHARGER EMULATION
PROFILE WITHIN DCE CYCLE
When the BC1.2 DCP charger emulation profile
(Section 9.7.1 “BC1.2 DCP Charger Emulation Pro-
file”) is applied within the DCE Cycle (Dedicated Char-
ger Emulation Cycle is selected as the Active mode),
TABLE 9-2:
CURRENT LIMIT MODE OPTIONS
Active Mode
Current Limit Mode
(See Section 10.14 “Current Limiting Behavior
Configuration Registers”)
Data Pass-Through
Trip mode
BC1.2 SDP
Trip mode
BC1.2 CDP
CC mode if ILIM ≤ 1.5A, otherwise, Trip mode
BC1.2 DCP
CC mode if ILIM ≤ 1.5A, otherwise, Trip mode
DCE Cycle
During DCE Cycle when a charger emulation profile is
being applied and the emulation timeout is active
CC mode if ILIM ≤ 1.5A, otherwise, Trip mode
BC1.2 DCP charger emulation profile accepted or the
emulation timeout is disabled
CC mode if ILIM ≤ 1.5A, otherwise, Trip mode
Legacy 2 charger emulation profile accepted or the
emulation timeout is disabled
CC mode if ILIM ≤ 1.5A, otherwise, Trip mode
Legacy 1, Legacy 3 – Legacy 7 charger emulation pro-
file accepted or the emulation timeout is disabled
Trip mode if IBUS_R2MIN ≤ ILIM or ILIM > 1.5A (normal
operation), otherwise, CC mode (see Register 10-49)
Custom charger emulation profile accepted or the
emulation timeout is disabled
Trip mode if IBUS_R2MIN ≤ ILIM or ILIM > 1.5A (normal
operation), otherwise, CC mode (see Register 10-49)
No handshake
(DCE Cycle with Emulation Retry not enabled)
Trip mode if IBUS_R2MIN ≤ ILIM or ILIM > 1.5A (normal
operation), otherwise, CC mode (see Register 10-49)
Note 1: As noted in the last three rows in Table 9-2, under those specific conditions with ILIM ≤ 1.5A, it is the
relationship of ILIM and IBUS_R2MIN that determines the current limiting mode. In these cases, the value of
IBUS_R2MIN is determined by CS_R2_IMIN[2:0] bits 4-2 in the Custom Current Limiting Behavior
Configuration register – 51h (Register 10-49).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com