Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 47 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 47 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 43Page - Microchip Technology UCS1002-3 Datasheet HTML 44Page - Microchip Technology UCS1002-3 Datasheet HTML 45Page - Microchip Technology UCS1002-3 Datasheet HTML 46Page - Microchip Technology UCS1002-3 Datasheet HTML 47Page - Microchip Technology UCS1002-3 Datasheet HTML 48Page - Microchip Technology UCS1002-3 Datasheet HTML 49Page - Microchip Technology UCS1002-3 Datasheet HTML 50Page - Microchip Technology UCS1002-3 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 47
UCS1002-3
21h
Legacy Emulation Enable
R/W
Enables Legacy charger emulation
profiles
00h
65
22h
BCS Emulation Timeout
Config
R/W
Controls timeout for each BCS charger
emulation profile
10h
66
23h
Legacy Emulation Timeout
Config 1
R/W
Controls timeout for Legacy charger
emulation profiles 1 – 4
B0h
66
24h
Legacy Emulation Timeout
Config 2
R/W
Controls timeout for Legacy charger
emulation profiles 5 – 7
04h
67
25h
High-Speed Switch
Configuration
R/W
Controls when the high-speed switch is
enabled
14h
60
30h
Applied Charger Emulation
R
Indicates which charger emulation
profile is being applied
00h
68
31h
Preloaded Emulation
Stimulus 1 – Config 1
R
Indicates the stimulus and timing for
Stimulus 1
00h
68
32h
Preloaded Emulation
Stimulus 1 – Config 2
R
Indicates the response and magnitude
for Stimulus 1
00h
70
33h
Preloaded Emulation
Stimulus 1 – Config 3
R
Indicates the threshold and
pull-up/pull-down settings for Stimulus 1
00h
71
34h
Preloaded Emulation
Stimulus 1 – Config 4
R
Indicates the resistor ratio for Stimulus 1
00h
73
35h
Preloaded Emulation
Stimulus 2 – Config 1
R
Indicates the stimulus and timing for
Stimulus 2
00h
74
36h
Preloaded Emulation
Stimulus 2 – Config 2
R
Indicates the response and magnitude
for Stimulus 2
00h
75
37h
Preloaded Emulation
Stimulus 2 – Config 3
R
Indicates the threshold and pull-up/
pull-down settings for Stimulus 2
00h
76
38h
Preloaded Emulation
Stimulus 2 – Config 4
R
Indicates the resistor ratio for Stimulus 2
00h
77
39h
Preloaded Emulation
Stimulus 3 – Config 1
R
Indicates the stimulus and timing for
Stimulus 3 (CDP only)
00h
78
3Ah
Preloaded Emulation
Stimulus 3 – Config 2
R
Indicates the response and magnitude
for Stimulus 3 (CDP only)
00h
79
3Bh
Preloaded Emulation
Stimulus 3 – Config 3
R
Indicates the threshold and pull-up/
pull-down settings for Stimulus 3
(CDP only)
00h
80
40h
Custom Emulation Config
R/W
Controls general configuration of the
Custom charger emulation profile
01h
82
41h
Custom Stimulus/Response
Pair 1 – Config 1
R/W
Sets the stimulus and timing for
Stimulus 1
00h
83
42h
Custom Stimulus/Response
Pair 1 – Config 2
R/W
Sets the response and magnitude for
Stimulus 1
00h
84
43h
Custom Stimulus/Response
Pair 1 – Config 3
R/W
Sets the threshold and pull-up/pull-down
settings for Stimulus 1
00h
85
44h
Custom Stimulus/Response
Pair 1 – Config 4
R/W
Sets the resistor ratio for Stimulus 1
00h
86
45h
Custom Stimulus/Response
Pair 2 – Config 1
R/W
Sets the stimulus and timing for
Stimulus 2
00h
87
46h
Custom Stimulus/Response
Pair 2 – Config 2
R/W
Sets the response and magnitude for
Stimulus 2
00h
88
TABLE 10-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com