Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 62 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 62 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 58Page - Microchip Technology UCS1002-3 Datasheet HTML 59Page - Microchip Technology UCS1002-3 Datasheet HTML 60Page - Microchip Technology UCS1002-3 Datasheet HTML 61Page - Microchip Technology UCS1002-3 Datasheet HTML 62Page - Microchip Technology UCS1002-3 Datasheet HTML 63Page - Microchip Technology UCS1002-3 Datasheet HTML 64Page - Microchip Technology UCS1002-3 Datasheet HTML 65Page - Microchip Technology UCS1002-3 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 114 page
background image
UCS1002-3
DS20006852A-page 62
 2023 Microchip Technology Inc. and its subsidiaries
10.5
Current Limit Register
The Current Limit register controls the ILIM used by the
port power switch. The default setting is based on the
resistor on the COMM_SEL/ILIM pin and this value
cannot be changed to be higher than the hardware set
value. The contents of this register are retained in Sleep.
10.6
Charge Rationing Threshold
Registers
The Charge Rationing Threshold registers set the
maximum allowed charge that is delivered to a
portable device. Whenever the Total Accumulated
Charge registers are updated, the value is checked
against this limit. If the value meets or exceeds this
limit, the RATION bit is set (see Section 10.4.1
“General Configuration Register”) and action taken
according
to
the
RATION_BEH[1:0]
bits
(see
Section 10.4.1 “General Configuration Register”).
The units are in mAh, with a range from 0 to ~181768.
The contents of this register are retained in Sleep.
Name
Bits Address
Cof
Default
Current Limit
8
19h
R/W
00h
REGISTER 10-13: CURRENT LIMIT REGISTER (ADDRESS 19h)
U-x
U-x
U-x
U-x
U-x
R/W-0
R/W-0
R/W-0
—
—
—
—
—ILIM_SW[2:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented
bit 2-0
ILIM_SW[2:0]: Sets the ILIM value as follows:
000
= 0.5A
001
= 0.9A
010
= 1.0A
011
= 1.2A
100
= 1.5A
101
= 1.8A
110
= 2.0A
111
= 2.5A
Note 1: Unless otherwise indicated, the values specified above are the typical ILIM in the Table 1-2.
Name
Bits Address Cof Default
Charge Rationing
Threshold High Byte
81Ah
R/W
FFh
Charge Rationing
Threshold Low Byte
81Bh
R/W
FFh
REGISTER 10-14: CHARGE RATIONING THRESHOLD (ADDRESS 1Ah - 1Bh)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CHTHR[15]
CHTHR[14]
CHTHR[13]
CHTHR[12]
CHTHR[11]
CHTHR[10]
CHTHR[9]
CHTHR[8]
bit 15
bit 8
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CHTHR[7]
CHTHR[6]
CHTHR[5]
CHTHR[4]
CHTHR[3]
CHTHR[2]
CHTHR[1]
CHTHR[0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com