Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 34 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 34 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 30Page - Microchip Technology UCS1002-3 Datasheet HTML 31Page - Microchip Technology UCS1002-3 Datasheet HTML 32Page - Microchip Technology UCS1002-3 Datasheet HTML 33Page - Microchip Technology UCS1002-3 Datasheet HTML 34Page - Microchip Technology UCS1002-3 Datasheet HTML 35Page - Microchip Technology UCS1002-3 Datasheet HTML 36Page - Microchip Technology UCS1002-3 Datasheet HTML 37Page - Microchip Technology UCS1002-3 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
UCS1002-3
DS20006852A-page 34
 2023 Microchip Technology Inc. and its subsidiaries
7.2
Thermal Management and Voltage
Protection
7.2.1
THERMAL MANAGEMENT
The UCS1002-3 utilizes two-stage internal thermal
management: Dynamic Thermal Management and
Fixed Thermal Shutdown.
7.2.1.1
Dynamic Thermal Management
For the first stage (active in both current limiting
modes), referred to as Dynamic Thermal Management,
the UCS1002-3 automatically adjusts port power
switch limits and modes to lower power dissipation
when the thermal regulation temperature value is
approached as described below.
If the internal temperature exceeds the TREG value, the
port power switch is opened, the current limit (ILIM) is
lowered by one step and a timer is started (tDC_TEMP).
When this timer expires, the port power switch is closed
and the internal temperature is checked again. If it
remains above the TREG threshold, the UCS81003
repeats this cycle (opens port power switch and
reduces the ILIM setting by one step) until ILIM reaches
its minimum value.
If the UCS1002-3 is operating using Constant Current
Limiting (variable slope) and the ILIM setting is reduced
to its minimum set point and the temperature is still
above TREG, the UCS1002-3 switches to operating
using Trip Current Limiting. This is done by reducing
the IBUS_R2MIN setting to 100 mA and restoring the ILIM
setting to the value immediately below the programmed
setting (for example, if the programmed ILIM is 1.8A,
the value is set to 1.5A). If the temperature continues to
remain above TREG, the UCS1002-3 continues this
cycle (open the port power switch and reduce the ILIM
setting by one step).
If the UCS1002-3 internal temperature drops below
TREG –TREG_HYST, the UCS1002-3 takes action based
on the following:
1.
If the Current Limit mode changed from CC
mode to Trip mode, then a timer is started. When
this timer expires, the UCS1002-3 resets the port
power
switch
operation
to
its
original
configuration, enabling it to operate using
Constant Current Limiting (variable slope).
2.
If the Current Limit mode did not change from CC
mode to Trip mode, or has started operating in Trip
mode, the UCS1002-3 resets the port power
switch operation to its original configuration.
If the UCS1002-3 is operating using Trip Current
Limiting and the ILIM setting is reduced to its minimum
set point and the temperature is above TREG, the port
power switch is closed and the current limit is held at its
minimum setting until the temperature drops below
TREG –TREG_HYST.
7.2.1.2
Thermal Shutdown
The second-stage thermal management consists of a
hardware
implemented
thermal
shutdown
corresponding to the maximum allowable internal die
temperature (TTSD). If the internal temperature
exceeds this value, the port power switch immediately
turns OFF until the temperature is below the value of
TTSD –TTSD_HYST.
7.3
VBUS Discharge
The UCS1002-3 discharges VBUS through an internal
100
 resistor when at least one of the following
conditions occurs:
• The PWR_EN control is disabled (triggered on the
inactive edge of the PWR_EN control).
• A portable device Removal Detection event is
flagged.
• The VS voltage drops below a specified
threshold (VS_UVLO) that causes the port power
switch to be disabled.
• When commanded into the Sleep power state via
the EM_EN, M1, and M2 controls.
• Before each charger emulation profile is applied
(UCS81003AM and UCS81003AB), unless it is a
power-up condition (UCS1002-3 only).
• Upon recovery from the Error state.
• When commanded via the SMBus (see
Section 10.4 “Configuration Registers”) in the
Active state.
• Any time that the port power switch is activated
after the VBUS bypass switch is ON (that is,
whenever VBUS voltage transitions from being
driven from VDD to being driven from VS, such as
going from Detect to Active power state).
• Any time that the VBUS bypass switch is acti-
vated after the port power switch is ON (that is,
going from Active to Detect power state).
Note 1: If the temperature exceeds the TREG
threshold while operating in the DCE
Cycle mode after a charger emulation pro-
file is accepted, the profile is removed.
The UCS1002-3 does not restart the DCE
Cycle until one of the control inputs
changes state to restart emulation.
2: The UCS1002-3 does not actively
discharge VBUS as a result of the
temperature exceeding TREG; however,
any load current provided by a portable
device or other load causes VBUS to be
discharged when the port power switch is
opened, possibly resulting in an attached
portable device resetting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com