Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 13 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 13 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 9Page - Microchip Technology UCS1002-3 Datasheet HTML 10Page - Microchip Technology UCS1002-3 Datasheet HTML 11Page - Microchip Technology UCS1002-3 Datasheet HTML 12Page - Microchip Technology UCS1002-3 Datasheet HTML 13Page - Microchip Technology UCS1002-3 Datasheet HTML 14Page - Microchip Technology UCS1002-3 Datasheet HTML 15Page - Microchip Technology UCS1002-3 Datasheet HTML 16Page - Microchip Technology UCS1002-3 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 13
UCS1002-3
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = VS = 5V, TJ = +27°C.
FIGURE 2-1:
USB-IF High-Speed Eye
Diagram (Without Data Switch).
FIGURE 2-2:
USB-IF High-Speed Eye
Diagram (With Data Switch).
FIGURE 2-3:
Short Applied After
Power-Up.
FIGURE 2-4:
Power-Up Into a Short.
FIGURE 2-5:
Internal Power Switch Short
Response.
FIGURE 2-6:
VBUS Discharge Behavior.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (for example, outside specified power supply range) and therefore outside the warranted
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com