Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 4 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 4 Page - Microchip Technology

  UCS1002-3 Datasheet HTML 1Page - Microchip Technology UCS1002-3 Datasheet HTML 2Page - Microchip Technology UCS1002-3 Datasheet HTML 3Page - Microchip Technology UCS1002-3 Datasheet HTML 4Page - Microchip Technology UCS1002-3 Datasheet HTML 5Page - Microchip Technology UCS1002-3 Datasheet HTML 6Page - Microchip Technology UCS1002-3 Datasheet HTML 7Page - Microchip Technology UCS1002-3 Datasheet HTML 8Page - Microchip Technology UCS1002-3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
UCS1002-3
DS20006852A-page 4
 2023 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Voltage on VDD, VS and VBUS pins ...............................................................................................................-0.3 to +6V
Pull-Up Voltage (VPULLUP) ..................................................................................................................-0.3 to VDD + 0.3V
Data Switch Current (IHSW_ON), Switch On ..........................................................................................................±50 mA
Port Power Switch Current ..................................................................................................................... Internally limited
Data Switch Pin Voltage To Ground (DPOUT, DPIN, DMOUT, DMIN);
(VDD powered or unpowered) ............................................................................................................ -0.3 to VDD + 0.3V
Differential Voltage Across Open Data Switch (DPOUT-DPIN, DMOUT-DMIN, DPIN-DPOUT, DMIN-DMOUT).......VDD
Voltage on any Other Pin to Ground .................................................................................................. -0.3 to VDD + 0.3V
Current on any Other Pin ......................................................................................................................................±10 mA
Package Power Dissipation ............................................................................................................................... Table 1-1
Operating Ambient Temperature Range..................................................................................................-40°C to +125°C
Storage Temperature Range...................................................................................................................-55°C to +150°C
†Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
TABLE 1-1:
POWER DISSIPATION SUMMARY
Board
Package
JC
JA
Derating
Factor Above
+25°C
TA <+25°C
Power
Rating
TA < +70°C
Power
Rating
TA <+85°C
Power
Rating
High K
(see Note 1)
20-pin QFN
4x4 mm
6°C/W
41°C/W
24.4 mW°/C
2193 mW
1095 mW
729 mW
Low K
(see Note 1)
20-pin QFN
4x4 mm
6°C/W
60°C/W
16.67 mW°/C
1498 mW
748 mW
498 mW
Note 1: A High K board uses a thermal via design with the thermal landing soldered to the PCB ground plane with
0.3 mm (12 mil) diameter vias in a 3x3 matrix (9 total) at 0.5 mm (20 mil) pitch. The board is multi-layer
with 1-ounce internal power and ground planes and 2-ounce copper traces on top and bottom. A Low K
board is a two layer board without thermal via design with 2-ounce copper traces on the top and bottom.
TABLE 1-2:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Power and Interrupts - DC
Supply Voltage
VDD
4.5
5
5.5
V
Note 1
Source Voltage
VS
2.9
5
5.5
V
Note 1
Supply Current in Active
(IDD_ACTIVE + IVS_ACT)
IACTIVE
—
650
750
µA
Average current IBUS = 0 mA
Supply Current in Sleep
(IDD_SLEEP + IVS_SLEEP)
ISLEEP
—
5
15
µA
Average current
VPULLUP  VDD
Note 1: For split supply systems using the Attach Detection feature, VS must not exceed VDD + 150 mV.
2: The current measurement full-scale range maximum value is 2.5A. However, the UCS1002-3 cannot
report values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.5A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com