Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 82 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 82 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 78Page - Microchip Technology UCS1002-3 Datasheet HTML 79Page - Microchip Technology UCS1002-3 Datasheet HTML 80Page - Microchip Technology UCS1002-3 Datasheet HTML 81Page - Microchip Technology UCS1002-3 Datasheet HTML 82Page - Microchip Technology UCS1002-3 Datasheet HTML 83Page - Microchip Technology UCS1002-3 Datasheet HTML 84Page - Microchip Technology UCS1002-3 Datasheet HTML 85Page - Microchip Technology UCS1002-3 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
UCS1002-3
DS20006852A-page 82
 2023 Microchip Technology Inc. and its subsidiaries
10.13 Custom Emulation Configuration Registers
The Custom Emulation Configuration registers store
the values used by the Custom Charger Emulation
circuitry. The Custom Charger Emulation profile is set
up as three stimuli and the respective responses.
The contents of registers 40h to 4Ch are retained in
Sleep.
bit 3-0
S3_TH[3:0]: Defines the threshold value as shown below for the specified stimulus. If the stimulus is VBUS
voltage is ready to be applied or applied (that is, STIM3[2:0] = 000b or 111b), the threshold value is ignored.
0000 = 400 mV
0001 = 400 mV
0010 = 400 mV
0011 = 300 mV
0100 = 400 mV
0101 = 500 mV
0110 = 600 mV
0111 = 700 mV
1000 = 800 mV
1001 = 900 mV
1010 = 1400 mV
1011 = 1600 mV
1100 = 1800 mV
1101 = 2000 mV
1110 = 2200 mV
1111 = Do not use.
Note 1: The Legacy charger emulation profiles do not use these settings. Whenever a Legacy charger emulation
profile is applied within the DCE Cycle, these controls are not updated and must be ignored. These
settings are only used by the BC1.2 CDP and DCP charger emulation profiles.
Name
Bits
Address
Cof
Default
Custom Emulation Config
8
40h
R/W
01h
Custom Emulation Stimulus 1 – Config 1
8
41h
R/W
00h
Custom Emulation Stimulus 1 – Config 2
8
42h
R/W
00h
Custom Emulation Stimulus 1 – Config 3
8
43h
R/W
00h
Custom Emulation Stimulus 1 – Config 4
8
44h
R/W
00h
Custom Emulation Stimulus 2 – Config 1
8
45h
R/W
00h
Custom Emulation Stimulus 2 – Config 2
8
46h
R/W
00h
Custom Emulation Stimulus 2 – Config 3
8
47h
R/W
00h
Custom Emulation Stimulus 2 – Config 4
8
48h
R/W
00h
Custom Emulation Stimulus 3 – Config 1
8
49h
R/W
00h
Custom Emulation Stimulus 3 – Config 2
8
4Ah
R/W
00h
Custom Emulation Stimulus 3 – Config 3
8
4Bh
R/W
00h
Custom Emulation Stimulus 3 – Config 3
8
4Ch
R/W
00h
REGISTER 10-34: PRELOADED EMULATION STIMULUS 3 CONFIGURATION 3 REGISTER
(ADDRESS 3Bh)(Note 1) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com