Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 84 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 84 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 80Page - Microchip Technology UCS1002-3 Datasheet HTML 81Page - Microchip Technology UCS1002-3 Datasheet HTML 82Page - Microchip Technology UCS1002-3 Datasheet HTML 83Page - Microchip Technology UCS1002-3 Datasheet HTML 84Page - Microchip Technology UCS1002-3 Datasheet HTML 85Page - Microchip Technology UCS1002-3 Datasheet HTML 86Page - Microchip Technology UCS1002-3 Datasheet HTML 87Page - Microchip Technology UCS1002-3 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
UCS1002-3
DS20006852A-page 84
 2023 Microchip Technology Inc. and its subsidiaries
REGISTER 10-36: CUSTOM EMULATION STIMULUS 1 CONFIGURATION 1 REGISTER
(ADDRESS 41h)
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R/W--0
R/W--0
R/W--0
—
CS_S1TYPE
CS_S1_TD[2:0]
CS_STIM1[2:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented
bit 6
CS_S1TYPE: Determines the behavior of the stimulus timer.
1 = The stimulus timer controls how long the response is applied after the stimulus is detected. The
response is immediately applied and held for the duration of the timer, and then removed if the
stimulus is removed.
0 = The stimulus timer is a delay from when the stimulus is detected until the response is performed.
bit 5-3
CS_S1_TD[2:0]: Determines the stimulus 1 tSTIM_DEL value as shown below.
000 =0 ms
001 =1 ms
010 =5 ms
011 = 10 ms
100 = 20 ms
101 = 40 ms
110 = 80 ms
111 =100 ms
bit 2-0
CS_STIM1[2:0]: Determines the Stimulus 1 that is used as shown below. Note that the lower threshold
for the window comparator option is fixed at 400 mV and only applies to the DPOUT pin. This setting
cannot be used for the DMOUT port.
000 = VBUS voltage ready to be applied before port power switch is closed. Next stimulus does not wait
for this to be removed.
001 = DPOUT voltage is greater than the threshold (CS_S1_TH).
010 = Window comparator. DPOUT voltage is lower than the threshold (CS_S1_TH) and DPOUT
voltage greater than the fixed threshold.
011 = DMOUT voltage is greater than the threshold (CS_S1_TH).
100 = Do not use.
101 = Do not use.
110 = DPOUT voltage is greater than the threshold (CS_S1_TH).
111 = VBUS voltage is present after port power switch is closed. Next stimulus does not wait for this
to be removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com