Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 31 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 31 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 27Page - Microchip Technology UCS1002-3 Datasheet HTML 28Page - Microchip Technology UCS1002-3 Datasheet HTML 29Page - Microchip Technology UCS1002-3 Datasheet HTML 30Page - Microchip Technology UCS1002-3 Datasheet HTML 31Page - Microchip Technology UCS1002-3 Datasheet HTML 32Page - Microchip Technology UCS1002-3 Datasheet HTML 33Page - Microchip Technology UCS1002-3 Datasheet HTML 34Page - Microchip Technology UCS1002-3 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 31
UCS1002-3
7.0
USB PORT POWER SWITCH
To
assure
compliance
to
various
charging
specifications, the UCS1002-3 contains a USB port
power switch that supports two current-limiting modes:
Trip and Constant Current (variable slope). The current
limit (ILIM) is pin selectable (and may be updated via
the register set). The switch also includes soft start
circuitry and a separate short-circuit current limit.
The port power switch is ON in the Active state (except
when VBUS is discharging).
7.1
Current Limiting
7.1.1
CURRENT LIMIT SETTING
The UCS1002-3 hardware set current limit (ILIM), can
be one of eight values (see Table 11-1). This resistor
value is read once upon UCS1002-3 power-up. The
current limit can be changed via the SMBus/I2C after
power-up; however, the programmed current limit
cannot exceed the hardware set current limit.
At power-up, the communication mode (Stand-Alone or
SMBus/I2C) and hardware current limit (ILIM) are
determined via the pull-down resistor (or pull-up
resistor, if connected to VDD) on the COMM_SEL/ILIM
pin as shown in Table 11-1.
7.1.2
SHORT CIRCUIT OUTPUT
CURRENT LIMITING
Short circuit current limiting occurs when the output
current is above the selectable current limit (ILIMx). This
event is detected and the current immediately becomes
limited (within tSHORT_LIM time). If the condition
remains, the port power switch flags an Error condition
and enters the Error state (see Section 5.1.5 “Error
State Operation”).
7.1.3
SOFT START
When the PWR_EN control changes its state to enable
the port power switch, or an Attach Detection event
occurs in the Detect power state and the PWR_EN
control is enabled, the UCS1002-3 invokes a soft start
routine for the duration of the VBUS rise time (tR_BUS).
This soft start routine limits current flow from VS into
VBUS while it is active. This circuitry prevents current
spikes due to a step in the portable device current draw.
In the case when a portable device is attached while the
PWR_EN pin is enabled, if the bus current exceeds
ILIM, the UCS1002-3 current limiter responds within a
specified time (tSHORT_LIM) and operates normally at
this point. The CBUS capacitor delivers the extra
current, if any, as required by the load change.
7.1.4
CURRENT-LIMITING MODES
The UCS1002-3 current limiting has two modes: Trip
and Constant Current (variable slope). Either mode
functions at all times when the port power switch is
closed. The current limiting mode used depends on the
Active state mode (see Section 9.9 “Current Limit
Mode Associations”). When operating in the Detect
power state (see Section 5.1.3 “Detect State
Operation”), the current capacity at VBUS is limited to
IBUS_BYP as described in Section 8.2 “VBUS Bypass
Switch”.
7.1.4.1
Trip Mode
When using Trip Current Limiting, the UCS1002-3 USB
port power switch functions as a low-resistance switch
and rapidly turns OFF if the current limit is exceeded.
While operating using Trip Current Limiting, the VBUS
output voltage is held relatively constant (equal to the
VS voltage minus the RON x IBUS current) for all
current values up to the ILIM.
If the current drawn by a portable device exceeds ILIM,
the following occurs:
1.
The port power switch is turned OFF (Trip
action).
2.
The UCS1002-3 enters the Error state and
assert the ALERT# pin.
3.
The
fault
handling
circuitry
determines
subsequent actions.
Trip Current Limiting is used by default when the
UCS1002-3 is in Data Pass-Through and Dedicated
Charger Emulation Cycle (except when the BC1.2 DCP
charger emulation profile is accepted), and when there
is no handshake.
Figure 7-1 shows operation of current limits in trip
mode with the shaded area representing the USB 2.0
specified VBUS range. Dashed lines indicate the port
power switch output will go to zero (e.g., trip) when ILIM
is exceeded. Note that operation at all possible values
of ILIM are shown in Figure 7-1for illustrative purposes
only; in actual operation only one ILIM can be active at
any time.
Note:
To avoid cycling in Trip mode, set ILIM
higher than the highest expected portable
device current draw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com