Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 7 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 7 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 3Page - Microchip Technology UCS1002-3 Datasheet HTML 4Page - Microchip Technology UCS1002-3 Datasheet HTML 5Page - Microchip Technology UCS1002-3 Datasheet HTML 6Page - Microchip Technology UCS1002-3 Datasheet HTML 7Page - Microchip Technology UCS1002-3 Datasheet HTML 8Page - Microchip Technology UCS1002-3 Datasheet HTML 9Page - Microchip Technology UCS1002-3 Datasheet HTML 10Page - Microchip Technology UCS1002-3 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 7
UCS1002-3
Total Jitter
tJ
—200
—
ps
RTERM =50, CLOAD =5pF,
Rise Time = Fall Time = 500 ps
at 480 Mbps (PRBS = 215 –1)
Skew of Opposite Transitions
of the Same Output
tSK(P)
—20
—
ps
RTERM =50, CLOAD =5pF
Port Power Switch
Port Power Switch – DC Parameters
Overvoltage Lockout
VS_OV
—6
—
V
On Resistance
RON_PSW
—55
65
m
4.75V < VS < 5.25V
VS Leakage Current
ILEAK_VS
—
2.22
5
µA
Sleep state into VS pin
Back-Voltage Protection
Threshold
VBV_TH
—
150
—
mV
VBUS > VS,
VS > VS_UVLO
Back-Drive Current
IBD_1
—
0
3
µA
VDD < VDD_TH,
Any powered power pin to any
unpowered power pin. Current
out of unpowered pin.
IBD_2
—
0
2
µA
VDD < VDD_TH,
Any powered power pin to any
unpowered power pin, except
for VDD to VBUS in Detect
power state and VS to VBUS
in Active power state. Current
out of unpowered pin.
Selectable Current Limits
ILIM1
450
467
500
mA
ILIM Resistor = 0 or 47 k
(500 mA setting)
ILIM2
810
839
900
ILIM Resistor = 10 k
 or 56 k
(900 mA setting)
ILIM3
900
932
1000
ILIM Resistor = 12 k
 or 68 k
(1000 mA setting)
ILIM4
1080
1112
1200
ILIM Resistor = 15 k
 or 82 k
(1200 mA setting)
ILIM5
1350
1385
1500
ILIM Res. = 18 k
 or 100 k
(1500 mA setting)
ILIM6
1620
1702
1800
ILIM Res. = 22 k
 or 120 k
(1800 mA setting)
ILIM7
1800
1892
2000
ILIM Res. = 27 k
 or 150 k
(2000 mA setting)
ILIM8
2250
2355
2500
ILIM Resistor = 33 k
 or VDD
(2500 mA setting)
Pin Wake Time
tPIN_WAKE
—3
—
ms
SMBus Wake Time
tSMB_WAKE
—4
—
ms
Idle Sleep Time
tIDLE_SLEEP
—200
—
ms
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1: For split supply systems using the Attach Detection feature, VS must not exceed VDD + 150 mV.
2: The current measurement full-scale range maximum value is 2.5A. However, the UCS1002-3 cannot
report values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.5A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com