Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 65 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 65 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 61Page - Microchip Technology UCS1002-3 Datasheet HTML 62Page - Microchip Technology UCS1002-3 Datasheet HTML 63Page - Microchip Technology UCS1002-3 Datasheet HTML 64Page - Microchip Technology UCS1002-3 Datasheet HTML 65Page - Microchip Technology UCS1002-3 Datasheet HTML 66Page - Microchip Technology UCS1002-3 Datasheet HTML 67Page - Microchip Technology UCS1002-3 Datasheet HTML 68Page - Microchip Technology UCS1002-3 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 65
UCS1002-3
10.10 Preloaded Emulation Enable
Registers
The Preloaded Emulation Enable registers enable the
charger emulation profiles used by the emulation circuitry.
The contents of these registers are retained in Sleep.
REGISTER 10-17: TDET_CHARGE CONFIGURATION REGISTER (ADDRESS 1Fh)
U-x
U-x
U-x
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
—
—
—
DC_TEMP_SET[1:0]
DET_CHARGE_SET[2:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented
bit 4-3
DC_TEMP_SET[1:0]: Determines the tDC_TEMP time as shown below.
00 = 200 ms (default)
01 = 400 ms
10 = 800 ms
11 = 1600 ms
bit 2-0
DET_CHARGE_SET[2:0]: Determines the tDET_CHARGE time as shown below.
000 = 200 ms
001 = 400 ms
010 = 600 ms
011 = 800 ms (default)
100 = 1000 ms
101 = 1200 ms
110 = 1400 ms
111 = 2000 ms
Name
Bits Address Cof Default
BCS Emulation
Enable
8
20h
R/W
06h
Legacy Emulation
Enable
8
21h
R/W
00h
REGISTER 10-18: BCS EMULATION ENABLE REGISTER (ADDRESS 20h)
U-x
U-x
U-x
R/W-1
U-x
R/W-1
R/W-1
R/W-0
—
—
—
DCP_EM_DIS
—
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented
bit 4
DCP_EM_DIS: Disables the DCP charger emulation profile in the DCE Cycle. This bit is ignored if the
M1, M2, and EM_EN control settings have selected the DCP mode (see Table 9-1).
1 = The BC1.2 DCP charger emulation profile is not enabled during the DCE Cycle.
0 = The BC1.2 DCP charger emulation profile is enabled during the Dedicated Charger Emulation
Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com