Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 8 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 8 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 4Page - Microchip Technology UCS1002-3 Datasheet HTML 5Page - Microchip Technology UCS1002-3 Datasheet HTML 6Page - Microchip Technology UCS1002-3 Datasheet HTML 7Page - Microchip Technology UCS1002-3 Datasheet HTML 8Page - Microchip Technology UCS1002-3 Datasheet HTML 9Page - Microchip Technology UCS1002-3 Datasheet HTML 10Page - Microchip Technology UCS1002-3 Datasheet HTML 11Page - Microchip Technology UCS1002-3 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
UCS1002-3
DS20006852A-page 8
 2023 Microchip Technology Inc. and its subsidiaries
Thermal Regulation Limit
TREG
—
110
—
°C
Die Temperature at which
current limit is reduced.
Thermal Regulation
Hysteresis
TREG_HYST
—
10
—
°C
Hysteresis for tREG functionality.
Temperature must drop by this
value before ILIM value
restored to normal operation.
Thermal Shutdown Threshold
TTSD
—
135
—
°C
Die Temperature at which port
power switch turns OFF.
Thermal Shutdown Hysteresis
TTSD_HYST
—
35
—
°C
After shutdown due to
TTSD being reached, a die
temperature drop is required
before port power switch can
be turned ON again.
Auto-Recovery Test Current
ITEST
—
190
—
mA
Portable device attached,
VBUS = 0V, Die Temp < TTSD
Auto-Recovery Test Voltage
VTEST
—
750
—
mV
Portable device attached,
VBUS = 0V before application,
Die Temp < TTSD
Programmable,
250-1000 mV, default listed
Discharge Impedance
RDISCHARGE
100
—
—
Port Power Switch – AC Parameters
Turn-On Delay
tON_PSW
—
0.75
—
ms
PWR_EN active toggle to
switch on time, VBUS dis-
charge not active.
Turn-Off Time
tOFF_
PSW_INA
—
0.75
—
ms
PWR_EN inactive toggle to
switch off time
CBUS = 120 µF
Turn-Off Time
tOFF_
PSW_ERR
—
1
—
ms
Overcurrent Error, VBUS Min
Error, or Discharge Error to
switch off, CBUS = 120 µF
Turn-Off Time
tOFF_PSW_ERR
—
100
—
ns
TSD or back-drive error to
switch off, CBUS = 120 µF
VBUS Output Rise Time
tR_BUS
—
1.1
—
ms
Measured from 10% to 90% of
VBUS, CLOAD = 220 µF,
ILIM = 1.0A
Soft Turn-On Rate
IBUS/t
—
100
—
mA/µs
Temperature Update Time
tDC_TEMP
—
200
—
ms
Programmable 200-1600 ms,
default listed
Short-Circuit Response Time
tSHORT_LIM
—
1.5
—
µs
Time from detection of short to
current limit applied. No CBUS
applied.
Short-Circuit Detection Time
tSHORT
—
6
—
ms
Time from detection of short to
port power switch disconnect
and ALERT# pin assertion.
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1: For split supply systems using the Attach Detection feature, VS must not exceed VDD + 150 mV.
2: The current measurement full-scale range maximum value is 2.5A. However, the UCS1002-3 cannot
report values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.5A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com