Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 56 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 56 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 52Page - Microchip Technology UCS1002-3 Datasheet HTML 53Page - Microchip Technology UCS1002-3 Datasheet HTML 54Page - Microchip Technology UCS1002-3 Datasheet HTML 55Page - Microchip Technology UCS1002-3 Datasheet HTML 56Page - Microchip Technology UCS1002-3 Datasheet HTML 57Page - Microchip Technology UCS1002-3 Datasheet HTML 58Page - Microchip Technology UCS1002-3 Datasheet HTML 59Page - Microchip Technology UCS1002-3 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
UCS1002-3
DS20006852A-page 56
 2023 Microchip Technology Inc. and its subsidiaries
10.4
Configuration Registers
The Configuration registers control basic device
functionality.
10.4.1
GENERAL CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
bit 1-0
PWR_STATE[1:0]: Indicates the current power state. These bits are set and automatically cleared as the
power state changes. (Note 1)
00 = Sleep
01 = Detect
10 = Active
11 = Error
Note 1: Accessing the SMBus/I2C causes the UCS1002-3 to leave the Sleep state. As a result, the
PWR_STATE[1:0] bits are never read as 00b.
REGISTER 10-7:
PIN STATUS REGISTER (ADDRESS 14h) (CONTINUED)
Name
Bits
Address
Cof.
Default
General Configuration
8
15h
R/W
01h
Emulation Configuration
8
16h
R/W
8Ch
Switch Configuration
8
17h
R/W
04h
Attach Detect Configuration
8
18h
R/W
47h
High-Speed Switch Configuration
8
25h
R/W
14h
REGISTER 10-8:
GENERAL CONFIGURATION REGISTER (ADDRESS 15h)
R/W-0
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
ALERT_MASK
—
ALERT_LINK DISCHARGE
RATION_EN
RATION_RST
RATION_BEH[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ALERT_MASK: Disables the ALERT# pin from asserting in the case of an error.
1 = The ALERT# pin is not asserted in the event of an error condition.
0 = The ALERT# pin is asserted if an error condition or an indicator event is detected.
bit 6
Unimplemented
bit 5
ALERT_LINK: Links the ALERT# pin to be asserted when the LOW_CUR and/or TREG bits are set.
1 = The ALERT# pin is asserted if the LOW_CUR or TREG indicator bit is set.
0 = The ALERT# pin is not asserted if the LOW_CUR or TREG indicator bit is set.
bit 4
DISCHARGE: Forces the VBUS to reset and discharge when the UCS1002-3 is in the Active state.
Writing this bit to a logic ‘1’ causes the port power switch to be opened and the discharge circuitry to
activate discharging VBUS. The port power switch remains open while this bit is ‘1’. This bit is not self-
clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com