Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 35 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 35 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 31Page - Microchip Technology UCS1002-3 Datasheet HTML 32Page - Microchip Technology UCS1002-3 Datasheet HTML 33Page - Microchip Technology UCS1002-3 Datasheet HTML 34Page - Microchip Technology UCS1002-3 Datasheet HTML 35Page - Microchip Technology UCS1002-3 Datasheet HTML 36Page - Microchip Technology UCS1002-3 Datasheet HTML 37Page - Microchip Technology UCS1002-3 Datasheet HTML 38Page - Microchip Technology UCS1002-3 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 35
UCS1002-3
When the VBUS discharge circuitry is activated, at the
end of the tDISCHARGE time, the UCS1002-3 confirms
that VBUS is discharged. If the VBUS voltage is not
below the VTEST level, a discharge error is flagged (by
setting the DISCH_ERR status bit) and the device
enters the Error state.
7.4
Battery Full
Delivery of bus current to a portable device can be
rationed by the UCS1002-3. When this functionality is
enabled, the host system must provide the UCS1002-3
with an accumulated charge maximum limit (in mAh).
The charge rationing functionality works only in the
Active power state. It continuously monitors the current
delivered and the time elapsed since the mode is
activated (or since the data is updated). This
information is compiled to generate a charge-rationing
number that is checked against the host limit.
Once the programmed current-rationing limit is reached,
the UCS1002-3 takes action as determined by the
RATION_BEH bits as described in Table 7-1. Note that
this does not cause the device to enter the Error state.
Once the charge rationing circuitry has reached the
programmed threshold, the UCS1002-3 maintains the
desired behavior until charge rationing is reset. Once
charge rationing is reset or disabled, the UCS1002-3
recovers as shown in Table 7-2.
TABLE 7-1:
CHARGE RATIONING BEHAVIOR
RATION_BEH[1:0]
Behavior
Actions taken
Notes
10
00
Report
ALERT# pin asserted.
01
Report
and
Disconnect
(default)
1.
ALERT# pin asserted.
2.
Charger emulation
profile removed.
3.
Port power switch
disconnected.
The HSW is not affected.
All bus monitoring is still active.
Changing the M1, M2, EM_EN, S0, and
PWR_EN controls causes the device to change
power states as defined by the pin
combinations; however, the port power switch
remains OFF until the rationing circuitry is reset.
Furthermore, the bypass switch is not turned
ON if enabled via the S0 control.
10
Disconnect
and
Go to Sleep
1.
Port power switch
disconnected.
2.
Charger emulation
profile removed.
3.
Device enters the Sleep
state.
The HSW is disabled.
All VBUS and VS monitoring are stopped.
Changing the M1, M2, EM_EN, S0, and
PWR_EN controls has no effect on the power
state until the rationing circuitry is reset.
11
Ignore
Take no further action.
TABLE 7-2:
CHARGE RATIONING RESET BEHAVIOR
Behavior
Reset Actions
Report
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Release the ALERT# pin.
Report
and Disconnect
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Release the ALERT# pin.
4.
Check the M1, M2, EM_EN, S0 and PWR_EN controls and enter the indicated power state
if the controls changed (Note 1).
Note 1: Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions changed, then charger emulation is restarted
(provided emulation is enabled via the pin states). If the pin conditions did not change, the UCS1002-3
returns to the previous power state as if the rationing threshold is not reached (for example, it does not
discharge VBUS or restart emulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com