Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 60 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 60 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 56Page - Microchip Technology UCS1002-3 Datasheet HTML 57Page - Microchip Technology UCS1002-3 Datasheet HTML 58Page - Microchip Technology UCS1002-3 Datasheet HTML 59Page - Microchip Technology UCS1002-3 Datasheet HTML 60Page - Microchip Technology UCS1002-3 Datasheet HTML 61Page - Microchip Technology UCS1002-3 Datasheet HTML 62Page - Microchip Technology UCS1002-3 Datasheet HTML 63Page - Microchip Technology UCS1002-3 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
UCS1002-3
DS20006852A-page 60
 2023 Microchip Technology Inc. and its subsidiaries
10.4.5
HIGH-SPEED SWITCH
CONFIGURATION REGISTER
The contents of this register are retained in Sleep.
bit 3-2
DISCHG_TIME_SEL[1:0]: Sets the tDISCHARGE time as follows:
00 = 100 ms
01 = 200 ms (default)
10 = 300 ms
11 = 400 ms
bit 1-0
ATT_TH[1:0]: Determines the Attach Detection threshold (IDET_QUAL) and Removal Detection thresholds
(IREM_QUAL_DET and IREM_QUAL_ACT) as shown below. (Note 1)
00 = 200 µA Attach, 100 µA Removal Threshold
01 = 400 µA Attach, 300 µA Removal Threshold
10 = 800 µA Attach, 700 µA Removal Threshold
11 = 1000 µA Attach, 900 µA Removal Threshold (default)
Note 1: The removal threshold is different when operating in the Active power state versus when operating in the
Detect power state.
REGISTER 10-11: ATTACH DETECTION CONFIGURATION REGISTER (ADDRESS 18h)
(CONTINUED)
REGISTER 10-12: HIGH-SPEED SWITCH CONFIGURATION REGISTER (ADDRESS 25h)
U-x
U-x
U-x
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
—
—
—
RESERVED
HSW_CUST
HSW_CDP
HSW_DET HSW_DCE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented
bit 4
RESERVED: Do not change. This bit will default to ‘1’. Changing this bit will have no effect.
bit 3
HSW_CUST: Enables the USB high-speed data switch to be active during the Custom handshake. This
control is checked at the beginning o
f charger emulation. Therefore, changing this control during emulation has no immediate effect. Upon
restarting charger emulation (as a result of the EM_RETRY bit being set, a Removal Detection event, or
change of emulation controls), the high-speed switch is closed.
1 = The USB high-speed data switch is enabled while the Custom charger emulation profile is applied.
Also, if the Custom charger emulation profile is accepted during the Dedicated Charger Emulation
Cycle, the high-speed switch stays closed.
0 = The USB high-speed data switch is disabled while the Custom charger emulation profile is applied.
bit 2
HSW_CDP: Enables the USB high-speed data switch to be active during the CDP handshake. This
control is checked at the beginning of charger emulation. Therefore, changing this control during
emulation has no immediate effect. Upon restarting charger emulation (as a result of a Removal
Detection event or change of emulation controls), the high-speed switch is closed.
1 = The USB high-speed data switch is enabled during the CDP handshake.
0 = The USB high-speed data switch is disabled during the CDP handshake.
bit 1
HSW_DET: Enables the USB high-speed data switch to be active during the Detect power state. If the
S0 control is set to ‘0’, this bit is ignored.
1 = The USB high-speed data switch is closed during the Detect power state.
0 = The USB high-speed data switch is open during the Detect power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com