Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 1 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 1 Page - Microchip Technology

  UCS1002-3 Datasheet HTML 1Page - Microchip Technology UCS1002-3 Datasheet HTML 2Page - Microchip Technology UCS1002-3 Datasheet HTML 3Page - Microchip Technology UCS1002-3 Datasheet HTML 4Page - Microchip Technology UCS1002-3 Datasheet HTML 5Page - Microchip Technology UCS1002-3 Datasheet HTML 6Page - Microchip Technology UCS1002-3 Datasheet HTML 7Page - Microchip Technology UCS1002-3 Datasheet HTML 8Page - Microchip Technology UCS1002-3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 1
UCS1002-3
Features
• Port Power Switch with Two Current Limit Behaviors
- 2.9V to 5.5V Source Voltage Range
- Up to 2.5A Current with 55 m
 on Resistance
- Overcurrent Trip or Constant Current Limiting
- Soft Turn-On Circuitry
- Programmable Current Limit
- Dynamic Thermal Management
- Undervoltage and Overvoltage Lockout
- Back-Drive, Back-Voltage Protection
- Latch or Auto-Recovery (Low Test Current)
Fault Handling
- Selectable Active-High or Active-Low Power
Switch Enable
- BC1.2 VBUS Discharge Port Renegotiation
Function
• Selectable/Automatic Cycling of Universal Serial
Bus (USB) Data Line Charger Emulation Profiles
- Customizable Emulation Profile Uses a
Unique Stimulus and Response Method
Useful for Future Profiles (Note 1)
- Supports Charger Emulation
- Allows for Active Cables
- USB-IF BC1.2 Charging Downstream Port
(CDP) and Dedicated Charging Port (DCP)
modes, Chinese Telecommunications Industry
Standard YD/T 1591-2009 and most Apple®
Inc. and RIM® Protocols Standard; others as
defined via the SMBus 2.0/I2C® Protocol
- USB 2.0 Compliant High-Speed Data Switch
(in Data Pass-Through, SDP, and CDP modes)
- Nine Preloaded Charger Emulation Profiles
for Maximum Compatibility Coverage of the
Peripheral Devices
- One Custom-Programmable Charger
Emulation Profile for Portable Device Support
for Fully Host-Controlled Charger Emulation
• Fault Alert Open-Drain Output
• Self-Contained Current Monitoring
• Low-Power Attach Detection and Open-Drain
(A_DET#) Pin
• Ultra Low-Power Sleep State
• Optional Split Supply Support for VBUS and VDD
for Low-Power in System Standby States
• Wake on Attach USB
• SMBus 2.0/I2C Communications
- Supports Block Write and Read
- Multiple SMBus Addresses
• WideOperatingTemperatureRange:-40°Cto+85°C
• IEC61000-4-2 8/15 kV Electrostatic Discharge
(ESD) Immunity
• UL Recognized and EN/IEC 60950-1 (CB)
Certified
General Description
The UCS1002-3 provides a USB port power switch for
precise control of up to 2.5A continuous current with
Overcurrent Limit (OCL), dynamic thermal manage-
ment, latch, or auto-recovery (low-test current) fault
handling, selectable active-low or active-high enable,
undervoltage and overvoltage lockout, back-drive pro-
tection and back-voltage protection.
Split supply support for VS and VDD is an option for low
power in system standby states. This gives battery-
operated applications, such as notebook PCs, the
ability to detect attachments from a Sleep or OFF state.
After the Attach Detection is flagged, the system can
decide to wake-up or provide charging, or both.
In addition to Power Switching and Current Limiting
modes, the UCS1002-3 automatically charges a wide
variety of portable devices, including USB-IF BC1.2,
YD/T-1591 (2009), most Apple Inc. and RIM®, and
many others. Nine preloaded charger emulation
profiles maximize the compatibility coverage of the
peripheral devices. Additionally, a customizable
charger emulation profile is available to accommodate
unique
existing
and
future
portable
device
handshaking/signature requirements. This custom
profile uses a unique stimulus and response method
referenced below (Note 1).
The UCS1002-3 also provides current monitoring to
enable intelligent management of system power and a
Battery Full option for controlled delivery of current
regardless of the host power state. This is especially
important for battery-operated applications that want to
provide power in a standby and/or off state but do not
want to drain the battery excessively.
The UCS1002-3 is available in a 4 mm x 4 mm
20-pin QFN package.
Applications
• Notebook and Netbook Computers
• Tablets and E-Book Readers
• Desktops and Monitors
• Docking Stations and Printers
• AC-DC Wall Adapters
Note 1: Unique technology covered under the following US patents pending: 13/109,446; 13/149,529; 13/173,287;
13/233,949; 13/157,282;12/978,371; 13/232,965.
Programmable USB Port Power Controller with Charger Emulation


Similar Part No. - UCS1002-3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1002-1-BP-TR MICROCHIP-UCS1002-1-BP-TR Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-1-BP-TR SMSC-UCS1002-1-BP-TR Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results

Similar Description - UCS1002-3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
Automotive USB Port Power Controller with Charger Emulation
03/25/14
UCS1003-1 MICROCHIP-UCS1003-1 Datasheet
1Mb / 138P
USB Port Power Controller with Charger Emulation
07/14/15
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com