Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 28 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 28 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 24Page - Microchip Technology UCS1002-3 Datasheet HTML 25Page - Microchip Technology UCS1002-3 Datasheet HTML 26Page - Microchip Technology UCS1002-3 Datasheet HTML 27Page - Microchip Technology UCS1002-3 Datasheet HTML 28Page - Microchip Technology UCS1002-3 Datasheet HTML 29Page - Microchip Technology UCS1002-3 Datasheet HTML 30Page - Microchip Technology UCS1002-3 Datasheet HTML 31Page - Microchip Technology UCS1002-3 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
UCS1002-3
DS20006852A-page 28
 2023 Microchip Technology Inc. and its subsidiaries
When using the Latch fault handler and the user has
reactivated the device by clearing the ERR bit (see
Section 10.3 “Status Registers”), or toggling the
PWR_EN control, the UCS1002-3 checks that all of the
error conditions are removed. If using Auto-Recovery
Fault Handler, after the tCYCLE time period, the
UCS1002-3 checks that all of the error conditions are
removed.
If all of the error conditions are removed, the UCS1002-
3 returns to the Active state or Detect state as
applicable. Returning to the Active state causes the
UCS1002-3 to restart the selected mode (see
Section 9.2 “Active Mode Selection”).
If the device is in the Error state and a Removal
Detection event occurs, it checks the error conditions
and then returns to the power state as defined by the
PWR_EN, M1, M2, EM_EN, and S0 controls.
5.2
Supply Voltages
5.2.1
VDD SUPPLY VOLTAGE
The UCS1002-3 requires 4.5V to 5.5V to be present on
the VDD pin for core device functionality. Core device
functionality consists of maintaining register states,
wake-up upon SMBus/I2C query and Attach Detection.
5.2.2
VS SOURCE VOLTAGE
VS can be a separate supply and can be greater than
VDD to accommodate high-current applications in
which current path resistances result in unacceptable
voltage drops that may prevent optimal charging of
some portable devices.
5.2.3
BACK-VOLTAGE DETECTION
Whenever the following conditions are true, the port
power switch, the VBUS bypass switch, and the high-
speed data switch are disabled, and a back-voltage
event is flagged. This causes the UCS1002-3 to enter
the Error power state (see Section 5.1.5 “Error State
Operation”).
• The VBUS voltage exceeds the VS voltage by
VBV_TH and the port power switch is closed. The
port power switch is immediately opened. If the
condition lasts for longer than tMASK, then the
UCS1002-3 enters the Error state. Otherwise, the
port power switch is turned ON as soon as the
condition is removed.
• The VBUS voltage exceeds the VDD voltage by
VBV_TH and the VBUS bypass switch is closed.
The bypass switch is immediately opened. If the
condition lasts for longer than tMASK, then the
UCS1002-3 enters the Error state. Otherwise, the
bypass switch is turned ON as soon as the
condition is removed.
5.2.4
BACK-DRIVE CURRENT
PROTECTION
If a self-powered portable device is attached, it may
drive the VBUS port to its power supply voltage level;
however, the UCS1002-3 is designed such that leak-
age current from the VBUS pins to the VDD or VS pins
shall not exceed IBD_1 (if the VDD voltage is zero) or
IBD_2 (if the VDD voltage exceeds VDD_TH).
5.2.5
UNDERVOLTAGE LOCKOUT ON VS
The
UCS1002-3
requires
a
minimum
voltage
(VS_UVLO) to be present on the VS pin for Active power
state.
5.2.6
OVERVOLTAGE DETECTION AND
LOCKOUT ON VS
The UCS1002-3 port power switch is disabled if the
voltage on the VS pin exceeds a voltage (VS_OV) for
longer than the specified time (tMASK). This causes the
device to enter the Error state.
5.3
Discrete Input Pins
5.3.1
COMM_SEL/ILIM INPUT
The COMM_SEL/ILIM input determines the initial ILIM
settings and the communications mode as shown in
Table 11-1.
5.3.2
SEL INPUT
The SEL pin selects the polarity of the PWR_EN
control. In addition, if the UCS1002-3 is not configured
to operate in Stand-Alone mode, the SEL pin
determines the SMBus address. See Table 11-2. The
SEL pin state is latched upon device power-up and
further changes have no effect.
5.3.3
M1, M2, AND EM_EN INPUTS
The M1, M2, and EM_EN input controls determine the
Active mode and affect the power state (see Table 5-2
and Table 9-1). When these controls are all set to ‘0’
and PWR_EN is enabled, the UCS1002-3 Attach and
Removal Detection feature is disabled. In SMBus
mode, the M1, M2, and EM_EN pin states are ignored
by the UCS1002-3 if the PIN_IGNORE configuration bit
is set (see Section 10.4.3 “Switch Configuration
Register”); otherwise, the M1_SET, M2_SET, and
EM_EN_SET configuration bits (see Section 10.4.3
“Switch Configuration Register”) are checked along
with the pins.
Note:
If it is necessary to connect any of the
control pins except the COMM_SEL/ILIM
or SEL pins via a resistor to VDD or GND,
the resistor value must not exceed 100 k
in order to meet the VIH and VIL
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com