Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 77 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 77 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 73Page - Microchip Technology UCS1002-3 Datasheet HTML 74Page - Microchip Technology UCS1002-3 Datasheet HTML 75Page - Microchip Technology UCS1002-3 Datasheet HTML 76Page - Microchip Technology UCS1002-3 Datasheet HTML 77Page - Microchip Technology UCS1002-3 Datasheet HTML 78Page - Microchip Technology UCS1002-3 Datasheet HTML 79Page - Microchip Technology UCS1002-3 Datasheet HTML 80Page - Microchip Technology UCS1002-3 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 77
UCS1002-3
bit 3-0
S2_R2[3:0]: Defines the stimulus response as shown below.
0000 =
Remove previous response on DPOUT and DMOUT
0001 =
Apply voltage on DPOUT (Note 1).
0010 =
Apply voltage on DMOUT (Note 2).
0011 =
Apply voltage on DPOUT and DMOUT.
0100 =
Connect resistor from DPOUT to GND (Note 1).
0101 =
Do not use.
0110 =
Connect voltage divider from VBUS to GND with the center tap at DPOUT (Note 1).
0111 =
Connect resistor form DMOUT to GND (Note 2).
1000 =
Do not use.
1001 =
Connect voltage divider from VBUS to GND with the center tap at DMOUT (Note 2).
1010 =
Connect
 200resistor from DPOUT to DMOUT.
1011 =
Do not use.
1100 =
Connect voltage divider from VBUS to GND with the center tap at DPOUT and DMOUT.
1101 =
Connect resistor from DPOUT to GND and DMOUT to GND.
1110 =
If STIM2 = 000, the 15 kpull-down resistors applied to DPOUT and DMOUT during Emula-
tion Reset are not removed. If STIM2 = 111, the 15 kpull-down resistors applied to DPOUT
and DMOUT during Emulation Reset are removed. For all other STIM2 settings, whatever is
applied is not changed.
1111 = Same as 1110 case above.
Note 1: If STIM2[2:0] = 000b and no other response is applied to the DPOUT pin, the 15 k pull-down resistor
applied to the DPOUT pin during Emulation Reset is not removed. Otherwise, the previous response is left
on the DPOUT pin (if applicable) or the 15 k
 pull-down resistor is removed.
2: If STIM2[2:0] = 000b and no other response is applied to the DMOUT pin, the 15 k pull-down resistor
applied to the DMOUT pin during Emulation Reset is not removed. Otherwise, the previous response is
left on the DMOUT pin (if applicable) or the 15 k
 pull-down resistor is removed.
REGISTER 10-30: PRELOADED EMULATION STIMULUS 2 CONFIGURATION 3 REGISTER
(ADDRESS 37h)(Note 1)
U-x
U-x
R-0
R-0
R-0
R-0
R-0
R-0
—
—
S2_PUPD[1:0]
S2_TH[3:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5-4
S2_PUPD[1:0]: Determines the magnitude of the pull-down current applied on the DPOUT and DMOUT
pins when the stimulus response is to apply a voltage and the voltage magnitude is set at pull-down
(0000b). The bit decode is as follows:
00 = 10 µA
01 = 50 µA
10 = 100 µA
11 = 150 µA
REGISTER 10-29: PRELOADED EMULATION STIMULUS 2 CONFIGURATION 2 REGISTER
(ADDRESS 36h) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com