Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 36 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 36 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 32Page - Microchip Technology UCS1002-3 Datasheet HTML 33Page - Microchip Technology UCS1002-3 Datasheet HTML 34Page - Microchip Technology UCS1002-3 Datasheet HTML 35Page - Microchip Technology UCS1002-3 Datasheet HTML 36Page - Microchip Technology UCS1002-3 Datasheet HTML 37Page - Microchip Technology UCS1002-3 Datasheet HTML 38Page - Microchip Technology UCS1002-3 Datasheet HTML 39Page - Microchip Technology UCS1002-3 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
UCS1002-3
DS20006852A-page 36
 2023 Microchip Technology Inc. and its subsidiaries
7.4.1
CHARGE RATIONING
INTERACTIONS
When charge rationing is active, regardless of the
specified behavior, the UCS1002-3 normally functions
until the charge rationing threshold is reached. Note
that charge rationing is only active when the UCS1002-
3 is in the Active state, and it does not automatically
resets when a Removal or Attach Detection event
occurs. Charger emulation starts over if a Removal
Detection event and Attach Detection event occur while
charge rationing is active and the charge rationing
threshold is not reached. This enables charging of
sequential portable devices while charge is being
rationed, which means that the accumulated power
given to several portable devices is still held to the
stated rationing limit.
Changing the charge rationing behavior has no effect
on the charge rationing data registers. If the behavior is
changed prior to reaching the charge rationing
threshold, this change occurs and become transparent
to the user. When the charge rationing threshold is
reached, the UCS1002-3 takes action as shown in
Table 7-1. If the behavior is changed after the charge
rationing threshold is reached, the UCS1002-3
immediately adopts the newly programmed behavior,
clearing the ALERT# pin and restoring switch operation
respectively (see Table 7-3).
Disconnect
and Go to Sleep
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the indicated power state
if the controls changed (Note 1).
Ignore
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
TABLE 7-2:
CHARGE RATIONING RESET BEHAVIOR (CONTINUED)
Behavior
Reset Actions
Note 1: Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions changed, then charger emulation is restarted
(provided emulation is enabled via the pin states). If the pin conditions did not change, the UCS1002-3
returns to the previous power state as if the rationing threshold is not reached (for example, it does not
discharge VBUS or restart emulation).
TABLE 7-3:
EFFECTS OF CHANGING RATIONING BEHAVIOR AFTER THRESHOLD REACHED
Previous
Behavior
New Behavior
Actions taken
Ignore
Report
Assert ALERT# pin.
Report and Disconnect
1.
Assert ALERT# pin.
2.
Remove charger emulation profile.
3.
Open port power switch. See the Report and Disconnect
(default) in Table 7-1.
Disconnect and Go to Sleep
1.
Remove charger emulation profile.
2.
Open port power switch.
3.
Enter the Sleep state. See the Disconnect and Go to Sleep
entry in Table 7-1.
Note 1: Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions have changed, then charger emulation is restarted
(provided emulation is enabled via the pin states). If the pin conditions did not change, the UCS1002-3
returns to the previous power state as if the rationing threshold is not reached (for example, it does not
discharge VBUS or restart emulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com