Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 41 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 41 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 37Page - Microchip Technology UCS1002-3 Datasheet HTML 38Page - Microchip Technology UCS1002-3 Datasheet HTML 39Page - Microchip Technology UCS1002-3 Datasheet HTML 40Page - Microchip Technology UCS1002-3 Datasheet HTML 41Page - Microchip Technology UCS1002-3 Datasheet HTML 42Page - Microchip Technology UCS1002-3 Datasheet HTML 43Page - Microchip Technology UCS1002-3 Datasheet HTML 44Page - Microchip Technology UCS1002-3 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 41
UCS1002-3
The UCS1002-3 responds per the BC1.2 specification
to the portable device initiated charger renegotiation
requests.
9.6.1
BC1.2 CDP CHARGER
EMULATION PROFILE
The BC1.2 CDP charger emulation profile acts as
described below.
1.
VBUS voltage is applied.
2.
Primary Detection – when the portable device
drives a voltage between 0.4V and 0.8V onto the
DPOUT pin, the UCS1002-3 drives 0.6V onto
the DMOUT pin within 20 ms.
3.
When the portable device drives the DPOUT pin
back to ‘0’, the UCS1002-3 then drives the
DMOUT pin back to ‘0’ within 20 ms.
4.
Optional Secondary Detection – If the portable
device then drives a voltage of 0.6V (nominal)
onto the DMOUT pin, the UCS1002-3 takes no
other action. This causes the portable device to
observe a ‘0’ on the DPOUT pin and detects the
connection to a CDP.
9.7
BC1.2 DCP
When BC1.2 DCP is selected as the Active mode,
UCS1002-3 discharges VBUS and applies the BC1.2
DCP charger emulation profile per the specification. In
BC1.2 DCP mode, the emulation timeout and
requirement for portable device current draw are
automatically disabled. When the BC1.2 DCP charger
emulation profile is applied within the Dedicated
Charger
Emulation
Cycle
(see
Section 9.11.2
“Legacy 2 Charger Emulation Profile”), the timeout
and current draw requirement are enabled.
If the portable device is charging after the DCP
charger emulation profile is applied, the UCS1002-3
leaves the resistive short in place, leaves the high-
speed switch open and enables Constant Current
Limiting (variable slope).
9.7.1
BC1.2 DCP CHARGER
EMULATION PROFILE
The BC1.2 DCP charger emulation profile is described
below.
1.
VBUS voltage is applied. A resistor (RDCP_RES)
is connected between the DPOUT and DMOUT
pins.
2.
Primary Detection – if the portable device drives
0.6V (nominal) onto the DPOUT pin, the
UCS1002-3 takes no other action than to leave
the resistor connected between DPOUT and
DMOUT. This causes the portable device to see
0.6V (nominal) on the DMOUT pin and know
that it is connected to a DCP.
3.
Optional Secondary Detection – If the portable
device drives 0.6V (nominal) onto the DMOUT
pin, the UCS1002-3 takes no other action than
to leave the resistor connected between
DPOUT and DMOUT. This causes the portable
device to see 0.6V (nominal) on the DPOUT pin
and know that it is connected to a DCP.
9.8
Dedicated Charger
When commanded to Dedicated Charger Emulation
Cycle mode, the UCS1002-3 enables an attached
portable device to enter its charging mode by applying
specific charger emulation profiles in a predefined
sequence. Using these profiles, the UCS1002-3 is
capable of generating and recognizing several signal
levels on the DPOUT and DMOUT pins. The preloaded
charger emulation profiles include ones compatible
with BC1.2 DCP, YD/T-1591 (2009), and most Apple
and RIM portable devices. Other levels, sequences
and protocols are configurable via the SMBus/I2C.
When a charger emulation profile is applied, a
programmable timer for the emulation profile is started.
When emulation timeout occurs, the UCS1002-3
checks the IBUS current against a programmable
threshold. If the current is above the threshold, the
charger emulation profile is accepted and the
associated current limiting mode is applied. No active
USB data communication is possible when charging in
this mode (by default – see Section 10.4.5 “High-
Speed Switch Configuration Register”).
Note 1: BC1.2 compliance testing may require
the S0 control to be set to ‘0’ (Attach and
Removal Detection feature disabled)
while testing is in progress.
2: When the UCS1002-3 is in BC1.2 CDP
mode and the Attach and Removal
Detection feature is enabled, if a power
thief (such as a USB light or fan) attaches
but does not assert DP pin, a Removal
event does not occur when the portable
device is removed. However, if a
standard USB device is subsequently
attached, Removal Detection is fully
functional again. Additionally, if PWR_EN
is cycled or M1, M2 and/or EM_EN
change state, a Removal event occurs
and Attach Detection is reactivated.
Note:
All CDP handshaking is performed with
the high-speed switch closed.
Note:
BC1.2 compliance testing may require the
S0 control to be set to ‘0’ (Attach and
Removal Detection feature disabled)
while testing is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com