Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 67 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 67 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 63Page - Microchip Technology UCS1002-3 Datasheet HTML 64Page - Microchip Technology UCS1002-3 Datasheet HTML 65Page - Microchip Technology UCS1002-3 Datasheet HTML 66Page - Microchip Technology UCS1002-3 Datasheet HTML 67Page - Microchip Technology UCS1002-3 Datasheet HTML 68Page - Microchip Technology UCS1002-3 Datasheet HTML 69Page - Microchip Technology UCS1002-3 Datasheet HTML 70Page - Microchip Technology UCS1002-3 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 67
UCS1002-3
REGISTER 10-20: BCS EMULATION TIMEOUT CONFIG REGISTER (ADDRESS 22h)
U-x
U-x
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCP_EM_TO[1:0]
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5-4
DCP_EM_TO[1:0]: Defines the tEM_TIMEOUT setting as shown below. This is applied when the BC1.2
DCP charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
00 = 12.8s
bit 3-2
RESERVED: Do not change. These bits will default to ‘0’. Changing these bits will have no effect.
bit 1-0
RESERVED: Do not change. These bits will read ‘0’ and must not be written to a logic ‘1’.
REGISTER 10-21: LEGACY EMULATION TIMEOUT CONFIG 1 REGISTER (ADDRESS 23h)
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
L1EM_TO[1:0]
L2EM_TO[1:0]
L3EM_TO[1:0]
L4EM_TO[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
L1EM_TO[1:0]: Defines the tEM_TIMEOUT setting as shown below. This is applied when the Legacy 1
charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
11 = 12.8s
bit 5-4
L2EM_TO[1:0]: Defines the tEM_TIMEOUT setting as shown below. This is applied when the Legacy 2
charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
11 = 12.8s
bit 3-2
L3EM_TO[1:0]: Defines the tEM_TIMEOUT setting as shown below. This is applied when the Legacy 3
charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
11 = 12.8s
bit 1-0
L4EM_TO[1:0]: Defines the tEM_TIMEOUT setting as shown below. This is applied when the Legacy 4
charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
11 = 12.8s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com