Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 5 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 5 Page - Microchip Technology

  UCS1002-3 Datasheet HTML 1Page - Microchip Technology UCS1002-3 Datasheet HTML 2Page - Microchip Technology UCS1002-3 Datasheet HTML 3Page - Microchip Technology UCS1002-3 Datasheet HTML 4Page - Microchip Technology UCS1002-3 Datasheet HTML 5Page - Microchip Technology UCS1002-3 Datasheet HTML 6Page - Microchip Technology UCS1002-3 Datasheet HTML 7Page - Microchip Technology UCS1002-3 Datasheet HTML 8Page - Microchip Technology UCS1002-3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 5
UCS1002-3
Supply Current in Detect
(IDD_DETECT + IVS_DETECT)
IDETECT
—
185
220
µA
Average current,
no portable device attached
Power-On Reset
VS Low Threshold
VS_UVLO
—
2.5
2.7
V
VS voltage increasing
VS Low Hysteresis
VS_UVLO_HYST
—100
—
mV
VS voltage decreasing
VDD Low Threshold
VDD_TH
—
4
4.4
V
VDD voltage increasing
VDD Low Hysteresis
VDD_TH_HYST
—
500
—
mV
VDD voltage decreasing
I/O Pins – SMCLK, SMDATA, EM_EN, M1, M2, PWR_EN, ALERT#, A_DET# – DC Parameters
Output Low Voltage
VOL
——
0.4
V
ISINK_IO = 8 mA
SMDATA, ALERT#, A_DET#
Input High Voltage
VIH
2.0
—
—
V
PWR_EN, EM_EN, M1, M2,
SMDATA, SMCLK
Input Low Voltage
VIL
—
—
0.8
V
PWR_EN, EM_EN, M1, M2,
LATCH, S0, SMDATA, SMCLK
Leakage Current
ILEAK
—
—
±5
µA
Powered or unpowered,
VPULLUP  VDD, TA < +85°C
Interrupt Pins – AC Parameters
ALERT#, A_DET# Pin
Blanking Time
tBLANK
—25
—
ms
ALERT# Pin
Interrupt Masking Time
tMASK
—5
—
ms
SMBus/I2C Timing
Input Capacitance
CIN
—5
—
pF
Clock Frequency
fSMB
10
—
400
kHz
Spike Suppression
tSP
—50
ns
Bus Free Time Stop to Start
tBUF
1.3
—
—
µs
Start Setup Time
tSU:STA
0.6
—
—
µs
Start Hold Time
tHD:STA
0.6
—
—
µs
Stop Setup Time
tSU:STO
0.6
—
—
µs
Data Hold Time
tHD:DAT
0
—
—
µs
When transmitting to the Host
Data Hold Time
tHD:DAT
0.3
—
—
µs
When receiving from the Host
Data Setup Time
tSU:DAT
0.6
—
—
µs
Clock Low Period
tLOW
1.3
—
—
µs
Clock High Period
tHIGH
0.6
—
—
µs
Clock/Data Fall Time
tFALL
——
300
ns
Min = 20 + 0.1 CLOAD ns
Clock/Data Rise Time
tRISE
——
300
ns
Min = 20 + 0.1 CLOAD ns
Capacitive Load
CLOAD
—
—
400
pF
Per bus line
Timeout
tTIMEOUT
25
—
35
ms
Disabled by default
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1: For split supply systems using the Attach Detection feature, VS must not exceed VDD + 150 mV.
2: The current measurement full-scale range maximum value is 2.5A. However, the UCS1002-3 cannot
report values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.5A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com