Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 51 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 51 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 47Page - Microchip Technology UCS1002-3 Datasheet HTML 48Page - Microchip Technology UCS1002-3 Datasheet HTML 49Page - Microchip Technology UCS1002-3 Datasheet HTML 50Page - Microchip Technology UCS1002-3 Datasheet HTML 51Page - Microchip Technology UCS1002-3 Datasheet HTML 52Page - Microchip Technology UCS1002-3 Datasheet HTML 53Page - Microchip Technology UCS1002-3 Datasheet HTML 54Page - Microchip Technology UCS1002-3 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 51
UCS1002-3
REGISTER 10-3:
INTERRUPT STATUS REGISTER (ADDRESS 10h)
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ERR
DISCHARGE
_ERR
RESET
MIN_
KEEP_OUT
TSD
OVER
_VOLT
BACK
_VOLT
OVER_LIM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ERR: Indicates that an error is detected and the device has entered the Error state. Writing this bit to a ‘0’
clears the Error state and enables the device to return to the Active state. When written to ‘0’, all error
conditions are checked. If all error conditions are removed, the UCS1002-3 returns to the Active state. This
bit is automatically set by the UCS1002-3 when the Error state is entered. Regardless of the fault handling
mechanism used, if any other bit is set in the Interrupt Status register (10h), the device does not leave the
Error state. (Note 1 and Note 2)
This bit is automatically cleared by the UCS1002-3 if the Auto-Recovery Fault Handling functionality is active
and no error conditions are detected. Likewise, this bit is cleared when the PWR_EN control is disabled.
1 = One or more errors are detected, and the UCS1002-3 has entered the Error state.
0 = There are no errors detected.
bit 6
DISCHARGE_ERR: Indicates that the UCS1002-3 is unable to discharge the VBUS node. This bit is
cleared when read if the error condition is removed or if the ERR bit is cleared. This bit causes the ALERT#
pin to be asserted and the device to enter the Error state.
1 = UCS1002-3 is unable to discharge the VBUS node.
0 = No VBUS discharge error.
bit 5
RESET: Indicates that the UCS1002-3 is on reset and must be reprogrammed. This bit is set at power-up.
This bit is cleared when read or when the PWR_EN control is toggled. The ALERT# pin is not asserted
when this bit is set. This data is retained in the Sleep state.
1 = UCS1002-3 is on reset.
0 = Reset did not occur.
bit 4
MIN_KEEP_OUT: Indicates that the V-I output on the VBUS pins has dropped below VBUS_MIN. This bit is
cleared when read if the error condition is removed or if the ERR bit is cleared. This bit causes the ALERT#
pin to be asserted and the device to enter the Error state.
1 = VBUS < VBUS_MIN
0 = VBUS > VBUS_MIN
bit 3
TSD: Indicates that the internal temperature has exceeded TTSD threshold and the device has entered the
Error state. This bit is cleared when read if the error condition is removed or if the ERR bit is cleared. This
bit causes the ALERT# pin to be asserted and the device to enter the Error state.
1 = Internal temperature > TTSD
0 = Internal temperature < TTSD
bit 2
OVER_VOLT: Indicates that the VS voltage has exceeded the VS_OV threshold and the device has entered
the Error state. This bit is cleared when read, if the error condition is removed or if the ERR bit is cleared.
This bit causes the ALERT# pin to be asserted and the device to enter the Error state.
1 = VS > VS_OV
0 = VS < VS_OV
bit 1
BACK_VOLT: Indicates that the VBUS voltage has exceeded the VS or VDD voltages by more than
150 mV. This bit is cleared when read if the error condition is removed or if the ERR bit is cleared. This bit
causes the ALERT# pin to be asserted and the device to enter the Error state.
1 = VBUS > VS, or VBUS > VDD by more than 150 mV
0 = VBUS voltage did not exceed the VS and VDD voltages by more than 150 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com