Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 49 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 49 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 45Page - Microchip Technology UCS1002-3 Datasheet HTML 46Page - Microchip Technology UCS1002-3 Datasheet HTML 47Page - Microchip Technology UCS1002-3 Datasheet HTML 48Page - Microchip Technology UCS1002-3 Datasheet HTML 49Page - Microchip Technology UCS1002-3 Datasheet HTML 50Page - Microchip Technology UCS1002-3 Datasheet HTML 51Page - Microchip Technology UCS1002-3 Datasheet HTML 52Page - Microchip Technology UCS1002-3 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 49
UCS1002-3
10.3
Status Registers
The Status registers store bits that indicate error
conditions as well as Attach Detection and Removal
Detection. Unless otherwise noted, these bits operate
as described when the UCS1002-3 is operating in
Stand-Alone mode.
REGISTER 10-1:
TOTAL ACCUMULATED CHARGE REGISTER (ADDRESSES 01H – 04H)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ACC[25]
ACC[24]
ACC[23]
ACC[22]
ACC[21]
ACC[20]
ACC[19]
ACC[18]
bit 31
bit 24
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ACC[17]
ACC[16]
ACC[15]
ACC[14]
ACC[13]
ACC[12]
ACC[11]
ACC[10]
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ACC[9]
ACC[8]
ACC[7]
ACC[6]
ACC[5]
ACC[4]
ACC[3]
ACC[2]
bit 15
bit 8
R-0
R-0
R-x
R-x
R-x
R-x
R-x
R-x
ACC[1]
ACC[0]
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-6
ACC[25:0]: Total Accumulated Charge
1 LSB = 0.00271 mAh
bit 5-0
Unimplemented
Name
Bits Address
Cof
Default
Other Status
8
0Fh
R
00h
Interrupt Status
8
10h
R/W
(see text)
00h
General Status
8
11h
R/R-C
00h
Profile Status 1
8
12h
R
00h
Profile Status 2
8
13h
R
00h
Pin Status
8
14h
R
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com