Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 25 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 25 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 21Page - Microchip Technology UCS1002-3 Datasheet HTML 22Page - Microchip Technology UCS1002-3 Datasheet HTML 23Page - Microchip Technology UCS1002-3 Datasheet HTML 24Page - Microchip Technology UCS1002-3 Datasheet HTML 25Page - Microchip Technology UCS1002-3 Datasheet HTML 26Page - Microchip Technology UCS1002-3 Datasheet HTML 27Page - Microchip Technology UCS1002-3 Datasheet HTML 28Page - Microchip Technology UCS1002-3 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 25
UCS1002-3
Table 5-2 shows the settings for the various power
states, except OFF and Error. If VDD < VDD_TH, the
UCS1002-3 is in the OFF state. To determine the mode
of operation in the Active state, see Table 9-1.
Active
This power state provides full functionality. While in this state, operations include activation of the port
power switch, USB data line handshaking/charger emulation, and current limiting and charge rationing.
See Section 5.1.4 “Active State Operation”.
TABLE 5-1:
POWER STATES DESCRIPTION (CONTINUED)
State
Description
Note:
Using configurations that are unlisted in
Table 5-2 is not recommended and may
produce undesirable results.
TABLE 5-2:
POWER STATES CONTROL SETTINGS
Power State
VS
PWR_EN
S0
M1, M2,
EM_EN
Portable
Device
Attached
Behavior
Sleep
n/a
disabled
0
Not set to Data
Pass-Through.
(Note 1)
n/a
• All switches disabled.
• VBUS is near ground potential.
• The UCS1002-3 wakes to
respond to SMBus
communications.
n/a
enabled
0
All = 0b
n/a
Detect
(see
Section 8.0
“Detect
State”
n/a
disabled
1
n/a
n/a
• High-Speed switch disabled (by
default).
• Port power switch disabled.
• Host-Controlled transition to
Active state (see Section 5.1.3.2
“Host-Controlled Transition
from Detect to Active”).
< VS_UVLO
enabled
1
All
 0b
n/a
> VS_UVLO
enabled
1
All
 0b
No
• High-Speed switch disabled (by
default).
• Automatic transition to Active
state when conditions met (see
Section 5.1.3.1 “Automatic
Transition from Detect to
Active”).
Active
(see
Section 9.0
“Active
State”)
> VS_UVLO
enabled
0
All
 0b
n/a
• High-Speed switch
enabled/disabled based on mode.
• Port power switch is ON at all
times.
• Attach and Removal Detection
disabled. See Note 2.
> VS_UVLO
enabled
1
All
 0b
Yes
• Port power switch is ON.
• Removal Detection enabled.
Note 1: In order to transition from Active State Data Pass-Through mode into Sleep with these settings, change
the M1, M2 and EM_EN pins before changing the PWR_EN pin. See Section 9.4 “Data Pass-Through
(No Charger Emulation)”.
2: If S0 = ’0’ and a portable device is not attached in DCE Cycle mode, the UCS1002-3 is cycling through
charger emulation profiles (by default). There is no guarantee which charger emulation profile is applied
first when a portable device is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com