Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 83 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 83 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 79Page - Microchip Technology UCS1002-3 Datasheet HTML 80Page - Microchip Technology UCS1002-3 Datasheet HTML 81Page - Microchip Technology UCS1002-3 Datasheet HTML 82Page - Microchip Technology UCS1002-3 Datasheet HTML 83Page - Microchip Technology UCS1002-3 Datasheet HTML 84Page - Microchip Technology UCS1002-3 Datasheet HTML 85Page - Microchip Technology UCS1002-3 Datasheet HTML 86Page - Microchip Technology UCS1002-3 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 83
UCS1002-3
REGISTER 10-35: CUSTOM EMULATION CONFIGURATION REGISTER (ADDRESS 40h)
U-x
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R-0
R/W-1
—
—
CS_TO_DIS
CS_EM_TO[1:0]
CS_FRST
RESERVED
CSEM_DIS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5
CS_TO_DIS: Disables the Emulation Timeout timer when the Custom Charger Emulation profile is
applied during the DCE Cycle. If the EM_TO_DIS is set, this bit has no effect (Note 1).
1 = The Emulation Timeout timer is disabled when the Custom charger emulation profile is applied
during the DCE Cycle. When the Custom charger emulation profile is applied, the UCS1002-3
constantly monitors the IBUS current. When the IBUS current is greater than IBUS_CHG, regardless
of the reason, then the Custom Charger Emulation profile is accepted. If the portable device does
not draw more than IBUS_CHG current, then the UCS1002-3 continues to wait until this bit is cleared.
0 = The Emulation Timeout timer is enabled when the Custom charger emulation profile is applied
during the DCE Cycle and the EM_TO_DIS bit is not set.
bit 4-3
CS_EM_TO[1:0]: Determines the tEM_TIMEOUT value as shown below. This is used when the Custom
charger emulation profile is used during the DCE Cycle.
00 = 0.8s
01 = 1.6s
10 = 6.4s
11 = 12.8s
bit 2
CS_FRST: Disables the Custom charger emulation profile.
1 = The Custom charger emulation profile is the first of the profiles applied during the DCE Cycle.
0 = The Custom charger emulation profile is the last of the profiles applied during the DCE Cycle.
bit 1
RESERVED: Do not change. This bit reads as ‘0’ and must not be written to a logic ‘1’.
bit 0
CSEM_DIS: Determines whether the Custom charger emulation profile is placed first or last in the DCE Cycle.
1 = The Custom charger emulation profile is not enabled.
0 = The Custom charger emulation profile is enabled.
Note 1: If the CS_TO_DIS bit is set and the Custom charger emulation profile is accepted during the DCE cycle, a
removal is not detected. To avoid this issue, re-enable the emulation timeout after applying any test
profiles and charging with the final profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com