Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 26 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 26 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 22Page - Microchip Technology UCS1002-3 Datasheet HTML 23Page - Microchip Technology UCS1002-3 Datasheet HTML 24Page - Microchip Technology UCS1002-3 Datasheet HTML 25Page - Microchip Technology UCS1002-3 Datasheet HTML 26Page - Microchip Technology UCS1002-3 Datasheet HTML 27Page - Microchip Technology UCS1002-3 Datasheet HTML 28Page - Microchip Technology UCS1002-3 Datasheet HTML 29Page - Microchip Technology UCS1002-3 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
UCS1002-3
DS20006852A-page 26
 2023 Microchip Technology Inc. and its subsidiaries
5.1.1
OFF STATE OPERATION
The device is in the OFF state if VDD is less than
VDD_TH. When the UCS1002-3 is in the OFF state it
does nothing and all circuitry is disabled. Digital
register values are not stored and the device does not
respond to SMBus commands.
5.1.2
SLEEP STATE OPERATION
When the UCS1002-3 is in the Sleep state, the device
is in its lowest power state. The high-speed switch,
bypass switch, and the port power switch are disabled.
The Attach and Removal Detection feature is disabled.
VBUS is near ground potential. The ALERT# pin is not
asserted. If asserted prior to entering the Sleep state,
the ALERT# pin is released. The A_DET# pin is
released. SMBus activity is limited to single byte read
or write.
When in the Sleep state, the first data byte read from
the UCS1002-3 wakes the device; however, the data
to be read returns all ‘0’s and must be considered
invalid. This is dummy read byte is meant to wake the
UCS1002-3. Subsequent read or write bytes are
normally accepted. After the dummy read, the
UCS1002-3 is in a higher power state (see Figure 5-
6). After communication has not occurred for
tIDLE_SLEEP, the UCS will return to Sleep.
Figure 5-5 shows timing diagrams for waking the
UCS1002-3 via external pins. Figure 5-6 shows the
timing for waking the UCS1002-3 via SMBus.
FIGURE 5-5:
Wake Timing via External Pins.
FIGURE 5-6:
Wake via SMBus Read with S0 = ‘0’.
M1 or M2
Port power switch closed
(Active state)
tPIN_WAKE
Wake with M1 or M2 to Active State Data Pass-through Mode
(PWR_EN enabled, S0 = ‘0’, EM_EN = ‘0’, VS > VS_UVLO)
S0
Bypass switch closed
(Detect state)
tPIN_WAKE
Wake with S0
(VS > VS_UVLO, M1 & M2 & EM_EN not all ‘0’ and not set to Data Pass-through)
0101_111
0
A
invalid dataN P
SMBus Read
A
0001_0000
0101_111
0
A
valid data N P
0001_0000
S
S
tIDLE_SLEEP
Sleep
Sleep
Dummy read returns invalid data
and places device in temporary
Active state
Read returns valid data
0101_111
1
A
S
0101_111
1
A
S
A
Power State
temporary Active state
(not all functionality available)
tSMB_WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com