Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 30 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 26Page - Microchip Technology UCS1002-3 Datasheet HTML 27Page - Microchip Technology UCS1002-3 Datasheet HTML 28Page - Microchip Technology UCS1002-3 Datasheet HTML 29Page - Microchip Technology UCS1002-3 Datasheet HTML 30Page - Microchip Technology UCS1002-3 Datasheet HTML 31Page - Microchip Technology UCS1002-3 Datasheet HTML 32Page - Microchip Technology UCS1002-3 Datasheet HTML 33Page - Microchip Technology UCS1002-3 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 114 page
background image
UCS1002-3
DS20006852A-page 30
 2023 Microchip Technology Inc. and its subsidiaries
6.0
USB HIGH-SPEED DATA
SWITCH
The UCS1002-3 contains a series USB 2.0-compliant
high-speed switch between the DPIN and DMIN pins
and between the DPOUT and DMOUT pins. This
switch is designed for high-speed, low-latency
functionality to enable USB 2.0 full-speed and high-
speed communications with minimal interference.
Nominally, the switch is closed in the Active state,
enabling uninterrupted USB communications between
the upstream host and the portable device. The switch
is opened when:
• The UCS1002-3 is actively emulating using any of
the charger emulation profiles except CDP (by
default - see Section 10.4.5 “High-Speed
Switch Configuration Register”).
• The UCS1002-3 is operating as a dedicated
charger unless the HSW_DCE configuration bit is
set (see Section 10.4.5 “High-Speed Switch
Configuration Register”).
• The UCS1002-3 is in the Detect state (by default)
or in the Sleep state.
6.1
USB-IF High-Speed Compliance
The USB data switch does not significantly degrade the
signal integrity through the device DP/DM pins with
USB high-speed communications.
Note:
If the VDD voltage is less than VDD_TH,
the high-speed data switch is disabled
and opened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com