Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 37 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 37 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 33Page - Microchip Technology UCS1002-3 Datasheet HTML 34Page - Microchip Technology UCS1002-3 Datasheet HTML 35Page - Microchip Technology UCS1002-3 Datasheet HTML 36Page - Microchip Technology UCS1002-3 Datasheet HTML 37Page - Microchip Technology UCS1002-3 Datasheet HTML 38Page - Microchip Technology UCS1002-3 Datasheet HTML 39Page - Microchip Technology UCS1002-3 Datasheet HTML 40Page - Microchip Technology UCS1002-3 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 37
UCS1002-3
If the RATION_EN control is set to ‘0’ prior to reaching
the charge rationing threshold, rationing is disabled
and the Total Accumulated Charge registers are
cleared. If the RATION_EN control is set to ‘0’ after the
charge rationing threshold is reached, the following are
done:
1.
RATION status bit is cleared.
2.
The ALERT# pin is released if asserted by the
rationing circuitry and no other conditions are
present.
3.
The M1, M2, EM_EN, S0 and PWR_EN controls
are checked to determine the power state. See
Note 1 in Table 7-3.
Setting the RATION_RST control to ‘1’ automatically
resets the Total Accumulated Charge registers to
00_00h. If this is done prior to reaching the charge
rationing threshold, the data continues to be
accumulated restarting from 00_00h. If this is done
after the charge rationing threshold is reached, the
UCS1002-3 takes action as shown in Table 7-2.
Report
Ignore
Release ALERT# pin.
Report and Disconnect
Open port power switch. See the Report and Disconnect (default)
entry in Table 7-1.
Disconnect and Go to Sleep
1.
Release the ALERT# pin.
2.
Remove charger emulation profile.
3.
Open the port power switch.
4.
Enter the Sleep state. See the Disconnect and Go to Sleep
entry in Table 7-1.
Report and
Disconnect
Ignore
1.
Release the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0, and PWR_EN controls and
enter the indicated power state if the controls changed (see
Note 1).
Report
Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter
the indicated power state if the controls changed (see Note 1).
Disconnect and Go to Sleep
1.
Release the ALERT# pin.
2.
Enter the Sleep state. See the Disconnect and Go to Sleep
entry in Table 7-1.
Disconnect and
Go to Sleep
Ignore
Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter
the indicated power state if the controls changed (see Note 1).
Report
1.
Assert the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0, and PWR_EN controls and
enter the indicated power state if the controls changed (see
Note 1).
Report and Disconnect
1.
Assert the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0, and PWR_EN controls to
determine the power state, then enter that state except that
the port power switch and bypass switch are not closed (see
Note 1).
TABLE 7-3:
EFFECTS OF CHANGING RATIONING BEHAVIOR AFTER THRESHOLD REACHED
Previous
Behavior
New Behavior
Actions taken
Note 1: Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions have changed, then charger emulation is restarted
(provided emulation is enabled via the pin states). If the pin conditions did not change, the UCS1002-3
returns to the previous power state as if the rationing threshold is not reached (for example, it does not
discharge VBUS or restart emulation).
Note:
If the rationing behavior is set to “Report
and
Disconnect”
when
the
charge
rationing threshold is reached, and then
the RATION_EN bit is cleared, the
portable device may start charging
sub-optimally
because
the
charger
emulation profile is removed. Toggle the
PWR_EN control to restart charger
emulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com