Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 24 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 24 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 20Page - Microchip Technology UCS1002-3 Datasheet HTML 21Page - Microchip Technology UCS1002-3 Datasheet HTML 22Page - Microchip Technology UCS1002-3 Datasheet HTML 23Page - Microchip Technology UCS1002-3 Datasheet HTML 24Page - Microchip Technology UCS1002-3 Datasheet HTML 25Page - Microchip Technology UCS1002-3 Datasheet HTML 26Page - Microchip Technology UCS1002-3 Datasheet HTML 27Page - Microchip Technology UCS1002-3 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
UCS1002-3
DS20006852A-page 24
 2023 Microchip Technology Inc. and its subsidiaries
Figure 5-4 shows a system configuration in which the
UCS1002-3 provides a port power switch, low-power
Attach Detection, charger emulation (with no USB host)
and portable device attachment detected signaling.
This configuration is useful for wall adapter-type
applications.
FIGURE 5-4:
UCS1002-3 System Configuration (No SMBus, No USB Host, with Charger
Emulation).
UCS1002-3 references design is available;
contact your Microchip representative.
5.1
UCS1002-3 Power States
The UCS1002-3 has the following power states:
UCS1002
LATCH
ALERT#
PWR_EN
3 V – 5.5 V
GND
Device
DPIN
DMIN
DPOUT
DMOUT
VDD
5 V
VBUS1
VBUS2
VS1
VS2
COMM_SEL / ILIM
3 V – 5.5 V
Auto-recovery
Upon Fault
Latch
Upon Fault
EM_EN
M1
M2
SEL
A_DET#
5 V
CBUS
S0
Disable Detect
State
Enable Detect
State
CIN
VDD
15 K
15 K
TABLE 5-1:
POWER STATES DESCRIPTION
State
Description
OFF
This power state is entered when the voltage at the VDD pin voltage is < VDD_TH. In this state, the device
is considered OFF. The UCS1002-3 does not retain its digital states and register contents, nor respond to
SMBus/I2C communications. The port power switch, bypass switch, and the high-speed data switches
are turned OFF. See Section 5.1.1 “Off State Operation”.
Sleep
This is the lowest power state available. While in this state, the UCS1002-3 retains digital functionality,
respond to changes in emulation controls and wake to respond to SMBus/I2C communications. The high-
speed switch and all other functionality are disabled. See Section 5.1.2 “Sleep State Operation”.
Detect
This is a low-current power state. In this state, the device is actively looking for a portable device to be
attached. The high-speed switch is disabled by default. While in this state, the UCS1002-3 retains the
configuration and charge rationing data, but does not monitor the bus current. The SMBus/I2C
communications is fully functional. See Section 5.1.3 “Detect State Operation”.
Error
This power state is entered when a fault condition exists. See Section 5.1.5 “Error State Operation”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com