Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 59 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 59 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 55Page - Microchip Technology UCS1002-3 Datasheet HTML 56Page - Microchip Technology UCS1002-3 Datasheet HTML 57Page - Microchip Technology UCS1002-3 Datasheet HTML 58Page - Microchip Technology UCS1002-3 Datasheet HTML 59Page - Microchip Technology UCS1002-3 Datasheet HTML 60Page - Microchip Technology UCS1002-3 Datasheet HTML 61Page - Microchip Technology UCS1002-3 Datasheet HTML 62Page - Microchip Technology UCS1002-3 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 59
UCS1002-3
10.4.4
ATTACH DETECTION
CONFIGURATION REGISTER
The contents of this register are retained in Sleep.
bit 7
PIN_IGNORE: Ignores the M1, M2, PWR_EN, and EM_EN pin states when determining the Active
mode selection and power state.
1 = The Active mode selection and power state are set by the individual control bits and not by the
M1, M2, PWR_EN, and EM_EN pin states. These pin states are ignored.
0 = The Active mode selection and power state are set by the OR’d combination of the M1, M2,
PWR_EN, and EM_EN pin states and the corresponding bit states.
bit 6
Unimplemented
bit 5
EM_EN_SET: In conjunction with other controls, determines the Active mode that is selected (see
Section 9.2 “Active Mode Selection”) and power state (see Table 5-2). This bit is OR’d with the
EM_EN pin.
bit 4
M2_SET: In conjunction with other controls, determines the Active mode that is selected (see
Section 9.2 “Active Mode Selection”) and power state (see Table 5-2). This bit is OR’d with the M2
pin.
bit 3
M1_SET: In conjunction with other controls, determines the Active mode that is selected (see
Section 9.2 “Active Mode Selection”) and power state (see Table 5-2). This bit is OR’d with the M1
pin.
bit 2
S0_SET: In SMBus mode, enables the Attach and Removal Detection feature and affects the power
state (see Section 9.2 “Active Mode Selection”).
1 = Detection is enabled. Also see Table 5-2.
0 = Detection is not enabled. Also see Table 5-2.
bit 1
PWR_EN_SET: Controls whether the port power switch may be turned ON or not and affects the
power state (see Section 5.3.4 “PWR_EN Input”). This bit is OR’d with the PWR_EN pin and the
polarity of both are controlled by SEL pin decode. Thus, if the polarity is set to active-high, either the
PWR_EN pin or this bit must be ‘1’ to enable the port power switch.
bit 0
LATCH_SET: In SMBus mode, controls the fault handling routine that is used in case an error is
detected (see Section 5.3.5 “Latch Input”).
1 = The UCS1002-3 latches its error conditions. In order for the device to return to normal Active
state, the ERR bit must be cleared by the user.
0 = The UCS1002-3 automatically retries when an error condition is detected.
REGISTER 10-10: SWITCH CONFIGURATION REGISTER (ADDRESS 17h) (CONTINUED)
REGISTER 10-11: ATTACH DETECTION CONFIGURATION REGISTER (ADDRESS 18h)
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
RESERVED
DISCHG_TIME_SEL[1:0]
ATT_TH[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RESERVED: Do not change.This bit will read ‘0’ and must not be written to a logic ‘1’.
bit 6
RESERVED: Do not change. This bit will read ‘1’ and must not be written to a logic ‘0’.
bit 5-4
RESERVED: Do not change.These bits will read ‘0’ and must not be written to a logic ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com