Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 40 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 40 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 36Page - Microchip Technology UCS1002-3 Datasheet HTML 37Page - Microchip Technology UCS1002-3 Datasheet HTML 38Page - Microchip Technology UCS1002-3 Datasheet HTML 39Page - Microchip Technology UCS1002-3 Datasheet HTML 40Page - Microchip Technology UCS1002-3 Datasheet HTML 41Page - Microchip Technology UCS1002-3 Datasheet HTML 42Page - Microchip Technology UCS1002-3 Datasheet HTML 43Page - Microchip Technology UCS1002-3 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 114 page
background image
UCS1002-3
DS20006852A-page 40
 2023 Microchip Technology Inc. and its subsidiaries
9.0
ACTIVE STATE
9.1
Active State Overview
The UCS1002-3 has the following modes of operation
in the Active state: Data Pass-Through, BC1.2 DCP,
BC1.2 SDP, BC1.2 CDP, and Dedicated Charger
Emulation Cycle. The current limiting mode depends
on the Active mode behavior (see Table 9-2).
9.2
Active Mode Selection
The Active mode selection is controlled by three
controls: EM_EN, M1, and M2 as shown in Table 9-1.
9.3
BC1.2 Detection Renegotiation
The BC1.2 specification enables a charger to act as an
SDP, CDP or DCP and to change between these roles.
To force an attached portable device to repeat the
charging detection procedure, VBUS must be cycled.
In compliance with this specification, the UCS1002-3
automatically cycles VBUS when switching between
the BC1.2 SDP, BC1.2 DCP, and BC1.2 CDP modes.
9.4
Data Pass-Through
(No Charger Emulation)
When commanded to Data Pass-Through mode,
UCS1002-3 closes its USB high-speed data switch to
enable USB communications between a portable
device and host controller and operates using Trip
Current Limiting. No charger emulation profiles are
applied in this mode. Data Pass-Through mode
persists until commanded otherwise by the M1, M2,
and EM_EN controls.
9.5
BC1.2 SDP
(No Charger Emulation)
When commanded to BC1.2 SDP mode, UCS1002-3
discharges VBUS, closes its USB high-speed data
switch to enable USB communications between a
portable device and host controller, and operates using
Trip Current Limiting. No charger emulation profiles are
applied in this mode. BC1.2 SDP mode persists until
commanded otherwise by the M1, M2, EM_EN, and
PWR_EN controls.
9.6
BC1.2 CDP
When BC1.2 CDP is selected as the Active mode,
UCS1002-3 discharges VBUS, closes its USB
high-speed data switch (by default), and applies the
BC1.2 CDP charger emulation profile which performs
handshaking per the specification. The combination of
the UCS1002-3 CDP handshake along with a standard
USB host comprises a Charging Downstream Port. In
BC1.2 CDP mode, there is no emulation timeout.
If the handshake is successful, the UCS1002-3
operates using Constant Current Limiting (variable
slope). If the handshake is not successful, the
UCS1002-3 leaves the applied CDP profile in place,
leaves the high-speed switch closed, enables Constant
Current Limiting, and persists in this condition until
commanded otherwise by the M1, M2, EM_EN, and
PWR_EN controls.
TABLE 9-1:
ACTIVE MODE SELECTION
M1
M2
EM_EN
Active mode
00
1
Dedicated Charger
Emulation Cycle
01
0
Data Pass-Through
01
1
BC1.2 DCP
10
0
BC1.2 SDP – Note 1
10
1
Dedicated Charger
Emulation Cycle
11
0
Data Pass-Through
11
1
BC1.2 CDP
Note 1: BC1.2 SDP behaves the same as the
Data Pass-Through mode with the
exception that it is preceded by a VBUS
discharge when the mode is entered per
the BC1.2 specification.
Note 1: If it is desired that the Data Pass-Through
mode operates as a traditional/standard
port power switch, the S0 control must be
set to ‘0’. When entering this mode, there
is no automatic VBUS discharge.
2: When the M1, M2, and EM_EN controls
are set to ‘0’, ‘1’, ‘0’ or to ‘1’, ‘1’, ‘0’
respectively, Data Pass-Through mode
persists if the PWR_EN control is
disabled;
however,
the
UCS1002-3
draws more current. To leave the Data
Pass-Through mode, the PWR_EN
control must be enabled before the M1,
M2 and EM_EN controls are changed to
the desired mode.
Note:
If it is desired that the BC1.2 SDP mode
operates as a traditional/standard port
power switch, the S0 control must be set
to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com