Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 55 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 55 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 51Page - Microchip Technology UCS1002-3 Datasheet HTML 52Page - Microchip Technology UCS1002-3 Datasheet HTML 53Page - Microchip Technology UCS1002-3 Datasheet HTML 54Page - Microchip Technology UCS1002-3 Datasheet HTML 55Page - Microchip Technology UCS1002-3 Datasheet HTML 56Page - Microchip Technology UCS1002-3 Datasheet HTML 57Page - Microchip Technology UCS1002-3 Datasheet HTML 58Page - Microchip Technology UCS1002-3 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 55
UCS1002-3
10.3.3
PIN STATUS REGISTER
The Pin Status register reflects the current pin state of
the external control pins and identifies the power state.
These bits are linked to the X_SET bits (see
Section 10.4.3 “Switch Configuration Register”).
bit 1
LG2: Indicates that the portable device successfully performed a handshake with the Legacy 2 charger
emulation profile and is charging. The high-speed switch is controlled via the HSW_DCE bit (see
Section 10.4.5 “High-Speed Switch Configuration Register”). The port power switch current limiting
mode is determined by the Custom current limiting behavior settings (see Section 10.14.2 “Custom
Current Limiting Behavior Configuration Register”).
1 = Handshake successful with the Legacy 2 charger emulation profile and charging.
0 = Not charging with Legacy 2 charger emulation profile.
bit 0
LG1: Indicates that the portable device successfully performed a handshake with the Legacy 1 charger
emulation profile and is charging. The high-speed switch is controlled via the HSW_DCE bit (see
Section 10.4.5 “High-Speed Switch Configuration Register”). The port power switch current limiting
mode is determined by the Custom current limiting behavior settings (see Section 10.14.2 “Custom
Current Limiting Behavior Configuration Register”).
1 = Handshake successful with the Legacy 1 charger emulation profile and charging.
0 = Not charging with Legacy 1 charger emulation profile.
REGISTER 10-6:
PROFILE STATUS 2 REGISTER (ADDRESS 13h) (CONTINUED)
REGISTER 10-7:
PIN STATUS REGISTER (ADDRESS 14h)
U-x
R-0
R-0
R-0
R-0
R-0
R-0
R-0
—
PWR_EN_PIN
M2_PIN
M1_PIN
EM_EN_PIN
SEL_PIN
PWR_STATE[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented
bit 6
PWR_EN_PIN: Reflects the PWR_EN control state. This bit is set and automatically cleared as the
PWR_EN pin/PWR_ENS bit state changes.
1 = PWR_EN is Logic 1
0 = PWR_EN is Logic 0
bit 5
M2_PIN: Reflects the M2 pin state. This bit is set and automatically cleared as the M2 pin/M2_SET
state changes.
1 = M2 is Logic 1
0 = M2 is Logic 0
bit 4
M1_PIN: Reflects the M1 pin state. This bit is set and automatically cleared as the M1 pin/M1_SET
state changes.
1 = M1 is Logic 1
0 = M1 is Logic 0
bit 3
EM_EN_PIN: Reflects the EM_EN pin state. This bit is set and automatically cleared as the EM_EN
pin/EM_EN_SET state changes.
1 = EM_EN is Logic 1
0 = EM_EN Logic 0
bit 2
SEL_PIN: Reflects the polarity settings determined by the SEL pin decode. This bit is set or automatically
cleared upon device power-up as the SEL pin is decoded.
1 = The PWR_EN control is active-high
0 = The PWR_EN control is active-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com