Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 57 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 57 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 53Page - Microchip Technology UCS1002-3 Datasheet HTML 54Page - Microchip Technology UCS1002-3 Datasheet HTML 55Page - Microchip Technology UCS1002-3 Datasheet HTML 56Page - Microchip Technology UCS1002-3 Datasheet HTML 57Page - Microchip Technology UCS1002-3 Datasheet HTML 58Page - Microchip Technology UCS1002-3 Datasheet HTML 59Page - Microchip Technology UCS1002-3 Datasheet HTML 60Page - Microchip Technology UCS1002-3 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 57
UCS1002-3
10.4.2
EMULATION CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
bit 3
RATION_EN: Ration Enable – enables charge rationing functionality and power monitoring.
1 = Charge rationing is enabled (see Section 7.4 “Battery Full”).
0 = Charge rationing is disabled. The Total Accumulated Charge registers are cleared to 00_00h
and current data is no longer accumulated. If the Total Accumulated Charge registers have
reached the Charge Rationing Threshold (see Section 10.6 “Charge Rationing Threshold
Registers”), the applied response is removed as though the charge rationing is placed on reset.
This also clears the RATION status bit (if set).
bit 2
RATION_RST: Ration Reset – resets the charge rationing functionality. When this bit is set to ‘1’, the
Total Accumulated Charge registers are reset to 00_00h. In addition, when this bit is set, the RATION
status bit is cleared and, if there are no other errors or active indicators, the ALERT# pin is released.
1 = EM_EN is Logic 1
0 = EM_EN is Logic 0
bit 1-0
RATION_BEH[1:0]: Controls the behavior when the power rationing threshold is reached as shown
in Table 7-1.
00 = Report
01 = Report and Disconnect
10 = Disconnect and Go to Sleep
11 = Ignore
REGISTER 10-8:
GENERAL CONFIGURATION REGISTER (ADDRESS 15h) (CONTINUED)
REGISTER 10-9:
EMULATION CONFIGURATION REGISTER (ADDRESS 16h)
R/W-1
U-x
U-x
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
DIS_TO
—
—
EM_TO_DIS
EM_RETRY
EM_RESP
EM_RESET_TIME[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
DIS_TO: Disable Timeout – Disables the Timeout and Idle Reset functionality (see Section 11.2.1.6
“SMBus Timeout and Idle Reset”).
1 = The Timeout and Idle Reset functionality is disabled. This is used for I2C compliance.
0 = The Timeout and Idle Reset functionality is enabled.
bit 6-5
Unimplemented
bit 4
EM_TO_DIS: Emulation Timeout Disable – disables the emulation circuitry timeout for all charger
emulation profiles in the DCE Cycle. There is a separate bit to enable/disable the emulation timeout for
the Custom Charger Emulation profile (Register 10-35); however, if the EM_TO_DIS bit is set, the
emulation timeout is also disabled for the Custom charger emulation profile. (Note 1)
1 = Emulation timeout is disabled during the DCE Cycle. The applied charger emulation profile does
not exit as a result of an emulation timeout event. The IBUS current is continuously checked and
if it exceeds the IBUS_CHG threshold for any reason, the charger emulation profile is accepted.
0 = Emulation timeout is enabled during the DCE Cycle. An individual charger emulation profile is
applied and maintained for the duration of the tEM_TIMEOUT value. When this timer expires, the
UCS1002-3 determines whether the charger emulation profile is successful and takes appropriate
action.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com