Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 96 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 96 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 92Page - Microchip Technology UCS1002-3 Datasheet HTML 93Page - Microchip Technology UCS1002-3 Datasheet HTML 94Page - Microchip Technology UCS1002-3 Datasheet HTML 95Page - Microchip Technology UCS1002-3 Datasheet HTML 96Page - Microchip Technology UCS1002-3 Datasheet HTML 97Page - Microchip Technology UCS1002-3 Datasheet HTML 98Page - Microchip Technology UCS1002-3 Datasheet HTML 99Page - Microchip Technology UCS1002-3 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
UCS1002-3
DS20006852A-page 96
 2023 Microchip Technology Inc. and its subsidiaries
10.14 Current Limiting Behavior
Configuration Registers
10.14.1
APPLIED CURRENT LIMITING
BEHAVIOR REGISTER
The Applied Current Limiting Behavior Register stores
the values used by the applied current limiting mode
(Trip or CC) when the custom settings are not used.
The contents of this register are automatically updated
when charger emulation is completed.
Name
Bits Address Cof
Default
Applied Current
Limiting Behavior
8
50h
R
82h
Custom Current
Limiting Behavior
Config
8
51h
R/W
82h
REGISTER 10-48: APPLIED CURRENT LIMITING BEHAVIOR REGISTER (ADDRESS 50h)
R-1
R-0
U-x
R-0
R-0
R-0
R-1
R-0
SEL_VBUS_MIN[1:0]
—
SEL_R2_IMIN[2:0]
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
SEL_VBUS_MIN[1:0]: Define the VBUS_MIN voltage as follows:
00 =
1.5V
01 =
1.75V
10 =
2.0V (default)
11 =
2.25V
bit 5
Unimplemented
bit 4-2
SEL_R2_IMIN[2:0]: Define the IBUS_R2MIN current as follows:
000 = 100 mA (default)
001 = 500 mA
010 = 900 mA
011 = 1200 mA
100 = 1500 mA
101 = 1800 mA
bit 1-0
RESERVED: Do not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com