Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 44 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 44 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 40Page - Microchip Technology UCS1002-3 Datasheet HTML 41Page - Microchip Technology UCS1002-3 Datasheet HTML 42Page - Microchip Technology UCS1002-3 Datasheet HTML 43Page - Microchip Technology UCS1002-3 Datasheet HTML 44Page - Microchip Technology UCS1002-3 Datasheet HTML 45Page - Microchip Technology UCS1002-3 Datasheet HTML 46Page - Microchip Technology UCS1002-3 Datasheet HTML 47Page - Microchip Technology UCS1002-3 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 114 page
background image
UCS1002-3
DS20006852A-page 44
 2023 Microchip Technology Inc. and its subsidiaries
the behavior after the profile is applied is different than
Active mode BC1.2 DCP (BC1.2 DCP in Table 9-1)
because the tEM_TIMEOUT timer is enabled (by default)
during the DCE Cycle.
During the DCE Cycle after the DCP charger emulation
profile, the UCS1002-3 will perform one of the
following:
1.
If the portable device is drawing more than
IBUS_CHG current when the tEM_TIMEOUT timer
expires, the UCS1002-3 will flag that a BC1.2
DCP was detected. The UCS1002-3 will leave in
place the resistive short, leave the high-speed
switch open, and then enable constant current
limiting (variable slope).
2.
If the portable device does not draw more than
IBUS_CHG current when the tEM_TIMEOUT timer
expires, the UCS1002-3 will stop applying the
DCP charger emulation profile and proceed to
the next charger emulation profile in the DCE
Cycle.
9.11.2
LEGACY 2 CHARGER
EMULATION PROFILE
The Legacy 2 Charger Emulation Profile does the
following:
1.
The UCS1002-3 connects a resistor (RDCP_RES)
between DPOUT and DMOUT.
2.
VBUS is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires
(enabled by default), the UCS1002-3 accepts
that this is the correct charger emulation profile
for the attached portable device. Charging
commences. The resistive short between the
DPOUT and DMOUT pins is left in place. The
UCS1002-3 will use constant current limiting.
4.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS1002-3 stops the Legacy 2
Charger Emulation. This causes resistive short
between the DPOUT and DMOUT pins to be
removed. Emulation Reset occurs, and the
UCS1002-3 initiates the next charger emulation
profile.
9.11.3
LEGACY 1, 3, 4, AND 6 CHARGER
EMULATION PROFILES
Legacy 1, 3, 4, and 6 Charger Emulation Profiles follow
the same pattern of operation, although the voltage that
is applied on the DPOUT and DMOUT pins varies. The
profiles do the following:
1.
The UCS1002-3 applies a voltage on the
DPOUT pin using either a current-limited volt-
age source or a voltage divider between VBUS
and ground with the center tap on the DPOUT
pin.
2.
The UCS1002-3 applies a possibly different
voltage on the DMOUT pin, using either a
current-limited voltage source or a voltage
divider between VBUS and ground, with the
center tap on the DMOUT pin.
3.
VBUS voltage is applied.
4.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS1002-3 accepts that the currently applied
profile is the correct charger emulation profile for
the
attached
portable
device.
Charging
commences. The voltages applied to the
DPOUT and DMOUT pins remain in place
(unless EM_RESP is set to 0b). The UCS1002-
3 begins operating in Trip mode or CC mode as
determined by the IBUS_R2MIN setting (see
Section 10.14 “Current Limiting Behavior
Configuration Registers”).
5.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS1002-3 stops the currently
applied charger emulation profile. This causes
all voltages put onto the DPOUT and DMOUT
pins to be removed. Emulation Reset occurs,
and the UCS1002-3 initiates the next charger
emulation profile.
9.11.4
LEGACY 5 CHARGER
EMULATION PROFILE
The Legacy 5 Charger Emulation Profile does the
following:
1.
The UCS1002-3 applies 900 mV to both the
DPOUT and the DMOUT pins.
2.
VBUS voltage is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS1002-3 accepts that the currently applied
profile is the correct charger emulation profile for
the
attached
portable
device.
Charging
commences. The voltages applied to the
DPOUT and DMOUT pins remains in place
(unless EM_RESP is set to 0b). The UCS1002-
3 begins to operate in Trip mode or CC mode as
determined by the IBUS_R2MIN setting (see
Section 10.14 “Current Limiting Behavior
Configuration Registers”).
4.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS1002-3 stops the currently
applied charger emulation profile. This causes
all voltages put onto the DPOUT and DMOUT
pins to be removed. Emulation Reset occurs,
and the UCS1002-3 initiates the next charger
emulation profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com