Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 33 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 33 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 29Page - Microchip Technology UCS1002-3 Datasheet HTML 30Page - Microchip Technology UCS1002-3 Datasheet HTML 31Page - Microchip Technology UCS1002-3 Datasheet HTML 32Page - Microchip Technology UCS1002-3 Datasheet HTML 33Page - Microchip Technology UCS1002-3 Datasheet HTML 34Page - Microchip Technology UCS1002-3 Datasheet HTML 35Page - Microchip Technology UCS1002-3 Datasheet HTML 36Page - Microchip Technology UCS1002-3 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 33
UCS1002-3
area representing the USB 2.0 specified VBUS range
is now restricted to an upper current limit of IBUS_R2MIN.
Note that the UCS1002-3 will heat up along each load
line as voltage decreases. If the internal temperature
exceeds the TREG or TTSD thresholds, the port power
switch will open. Also note that when the VBUS voltage
is brought low enough (below VBUS_MIN), the port
power switch will open.
FIGURE 7-2:
Constant Current Limiting (Variable Slope) Operation.
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
5.25
4.75
0
0
0.9
1.2
1.2
1.0
0.9
0.5
1.5
IBUS_R2MIN
1.8
1.8
2.0
2.5
IBUS (Amps)
ILIM (Amps)
= ILIM’s
Constant
resistance IBUS
operation line 1
(ILIM = 0.5 A)
Constant resistance
IBUS operation line 5
(ILIM = 1.5 A*)
CC Mode - Power switch current increases as
voltage decreases when ILIM is exceeded
following constant resistance lines
*1.5 A limit reduced by -3.5% internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com