Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 52 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 52 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 48Page - Microchip Technology UCS1002-3 Datasheet HTML 49Page - Microchip Technology UCS1002-3 Datasheet HTML 50Page - Microchip Technology UCS1002-3 Datasheet HTML 51Page - Microchip Technology UCS1002-3 Datasheet HTML 52Page - Microchip Technology UCS1002-3 Datasheet HTML 53Page - Microchip Technology UCS1002-3 Datasheet HTML 54Page - Microchip Technology UCS1002-3 Datasheet HTML 55Page - Microchip Technology UCS1002-3 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 114 page
background image
UCS1002-3
DS20006852A-page 52
 2023 Microchip Technology Inc. and its subsidiaries
bit 0
OVER_LIM: Indicates that the IBUS current has exceeded both the ILIM threshold and the IBUS_R2MIN
threshold settings. This bit is cleared when read if the error condition is removed or if the ERR bit is cleared.
This bit causes the ALERT# pin to be asserted and the device to enter the Error state.
1 = IBUS > ILIM and IBUS_R2MIN
0 = IBUS did not exceed both ILIM threshold and the IBUS_R2MIN threshold settings
Note 1: If the Auto-Recovery Fault Handling is not used, the ERR bit must be written to a logic '0' to be cleared. It
is also cleared when the PWR_EN control is disabled.
2: Note that the ERR bit does not necessarily reflect the ALERT# pin status. The ALERT# pin may be
cleared or asserted without the ERR bit changing states.
REGISTER 10-4:
GENERAL STATUS REGISTER (ADDRESS 11h)
R-0
U-x
U-x
R-0
R-0
R-C
R-C
R-C
RATION
—
—
CC_MODE
TREG
LOW_CUR
REM
ATT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
C = Clear on Read
bit 7
RATION: Indicates that the UCS1002-3 has delivered the programmed amount of power to a portable
device. If the RATION_BEH bits are set to interrupt the host, this bit causes the ALERT# pin to be
asserted. This bit is cleared when read. This bit is also automatically cleared when the RTN_RST bit is
set or the RTN_EN bit is cleared (see Section 10.4.1 “General Configuration Register”).
1 = UCS1002-3 delivered the programmed amount of power to a portable device
0 = UCS1002-3 did not deliver the programmed amount of power to a portable device
bit 6-5
Unimplemented
bit 4
CC_MODE: Indicates that the IBUS current has exceeded ILIM. Current is in Region 2 (IBUS_R2MIN).
1 = IBUS > ILIM
0 = IBUS < ILIM
bit 3
TREG: Indicates that the internal temperature has exceeded TREG and that the current limit is reduced.
This bit is cleared when read and does not cause the ALERT# pin to be asserted, unless the
ALERT_LINK bit is set.
1 = Internal temperature > TREG
0 = Internal temperature < TREG
bit 2
LOW_CUR: Indicates that a portable device has reduced its charge current to below ~6.4 mA and may
be finished charging. This bit is cleared when read and does not cause the ALERT# pin to be asserted,
unless the ALERT_LINK bit is set.
1 = IBUS < 6.4 mA
0 = IBUS > 6.4 mA
bit 1
REM: Indicates that a Removal Detection event has occurred and there is no longer a portable device
present. This bit is cleared when read and does not cause the ALERT# pin to be asserted. It causes the
A_DET# pin to be released.
1 = Removal Detected
0 = No Removal Detected
bit 0
ATT: Indicates that an Attach Detection event has occurred and there is a new portable device present.
This bit is cleared when read and does not cause the ALERT# pin to be asserted. It causes the A_DET#
pin to be asserted.
1 = Attach Detected
0 = No Attach Detected
REGISTER 10-3:
INTERRUPT STATUS REGISTER (ADDRESS 10h) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com