Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 58 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 58 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 54Page - Microchip Technology UCS1002-3 Datasheet HTML 55Page - Microchip Technology UCS1002-3 Datasheet HTML 56Page - Microchip Technology UCS1002-3 Datasheet HTML 57Page - Microchip Technology UCS1002-3 Datasheet HTML 58Page - Microchip Technology UCS1002-3 Datasheet HTML 59Page - Microchip Technology UCS1002-3 Datasheet HTML 60Page - Microchip Technology UCS1002-3 Datasheet HTML 61Page - Microchip Technology UCS1002-3 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
UCS1002-3
DS20006852A-page 58
 2023 Microchip Technology Inc. and its subsidiaries
10.4.3
SWITCH CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
bit 3
EM_RETRY: Configures whether the DCE Cycle must be reset or restarted if it reaches the final profile
without the portable device drawing charging current and accepting one of the profiles. This bit is only
used if the UCS1002-3 is configured to emulate a dedicated charger.
1 = Once the DCE Cycle is completed, it performs Emulation Reset and restarts from the first enabled
charger emulation profile in the DCE Cycle.
0 = Once the DCE Cycle is completed, it does not restart. The DPOUT and DMOUT are left as High
Z pins and the port power switch is closed. The Current Limiting mode is determined by the Cus-
tom Current Limiting Behavior settings (see Section 10.14.2 “Custom Current Limiting Behav-
ior Configuration Register”).
bit 2
EM_RESP: Leave Emulation Response – enables the Dedicated Charger Emulation Cycle mode to
hold the DPOUT and DMOUT stimulus response after the UCS1002-3 has finished emulation using the
Legacy, BC1.2 DCP, or Custom charger emulation profiles (Note 2).
1 = If a portable device begins drawing charging current while the UCS1002-3 is applying the BC1.2
DCP, Custom or any of the Legacy charger emulation profiles during the DCE Cycle, the last
response applied is kept in place until a Removal Detection event occurs, the internal temperature
exceeds the TREG value, or emulation is restarted. In the case of the BC1.2 DCP or Legacy 3
charger emulation profiles, this is the short (RDCP_RES). In the case of the Legacy 1, Legacy 2 or
Legacy 4-7 profiles, this is the DPOUT and DMOUT pin voltages. If a portable device does not
draw charging current, the DCE Cycle behaves normally.
0 = The dedicated emulation circuitry behaves normally. It removes the short condition when the
tEM_TIMEOUT timer has expired, regardless if the portable device has drawn charging current or
not.
bit 1-0
EM_RESET_TIME[1:0]: Determines the length of the tEM_RESET time (see Section 9.8.1 “Emulation
Reset”) as shown below. The value selected does not include discharge time; however, this value plus
discharge result in the actual reset time.
00 = 50 ms
01 = 75 ms
10 = 125 ms
11 = 175 ms
Note 1: If the EM_TO_DIS bit is set and the Legacy 2, Legacy 4 or Custom charger emulation profiles are
accepted during the DCE cycle, a removal is not detected. To avoid this issue, re-enable the emulation
timeout after applying any test profiles and charging with the final profile.
2: If the HSW_DCE bit is set, the high-speed switch is closed regardless of the status of the EM_RESP bit.
Leaving the emulation response applied does not enable normal USB traffic. Therefore, prior to setting the
HSW_DCE bit, this bit must be cleared.
REGISTER 10-9:
EMULATION CONFIGURATION REGISTER (ADDRESS 16h) (CONTINUED)
REGISTER 10-10: SWITCH CONFIGURATION REGISTER (ADDRESS 17h)
R/W-0
U-x
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
PIN_IGNORE
—
EM_EN_SET
M2_SET
M1_SET
S0_SET
PWR_EN_SET LATCH_SET
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com