Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 42 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 42 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 38Page - Microchip Technology UCS1002-3 Datasheet HTML 39Page - Microchip Technology UCS1002-3 Datasheet HTML 40Page - Microchip Technology UCS1002-3 Datasheet HTML 41Page - Microchip Technology UCS1002-3 Datasheet HTML 42Page - Microchip Technology UCS1002-3 Datasheet HTML 43Page - Microchip Technology UCS1002-3 Datasheet HTML 44Page - Microchip Technology UCS1002-3 Datasheet HTML 45Page - Microchip Technology UCS1002-3 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
UCS1002-3
DS20006852A-page 42
 2023 Microchip Technology Inc. and its subsidiaries
9.8.1
EMULATION RESET
Prior to applying any of the charger emulation profiles,
the UCS1002-3 performs an Emulation Reset. This
means that the UCS1002-3 resets the VBUS line by
disconnecting the port power switch and connecting
VBUS to ground via an internal 100
 resistor for
tDISCHARGE time. The port power switch is held open for
a time equal to tEM_RESET at which point the port power
switch is closed and the VBUS voltage is applied. The
DPOUT and DMOUT pins are pulled low using internal
15 k
 pull-down resistors.
9.8.2
EMULATION CYCLING
In Dedicated Charger Emulation Cycle mode, the
charger emulation profiles, if enabled, are applied in
the following order:
1.
Legacy 1
2.
BC1.2 DCP
3.
Legacy 2
4.
Legacy 3
5.
Legacy 4
6.
Legacy 5
7.
Legacy 6
8.
Legacy 7
9.
Custom (disabled by default). If the CS_FRST
configuration bit is set, then the Custom charger
emulation profile is tested first and the order
proceeds as given.
The UCS1002-3 applies a charger emulation profile
until one of the following exit conditions occurs:
• Current greater than IBUS_CHG is detected flowing
out of VBUS at the respective emulation timeout
time. In this case, the profile is assumed to be
accepted and no other profiles is applied.
• The respective emulation timeout (tEM_TIMEOUT)
time is reached without current that exceeds the
IBUS_CHG limit flowing out of VBUS (the emulation
timeout is enabled by default, see Section 10.4.2
“Emulation Configuration Register” and
Register 10-35). The profile is assumed to be
rejected, and the UCS1002-3 performs the
Emulation Reset and applies the next profile, if
one exists.
Emulation timeouts can be programmed for each
charger
emulation
profile
(see
Section 10.11
“Preloaded
Emulation
Timeout
Configuration
Registers” and Register 10-35).
9.8.3
DCE CYCLE RETRY
If none of the charger emulation profiles cause a
charge current to be drawn, the UCS1002-3 performs
the Emulation Reset and cycles through the profiles
again if the EM_RETRY bit is set (default – see
Section 10.4.2 “Emulation Configuration Regis-
ter”). The UCS1002-3 continues to cycle through the
profiles as long as charging current is not drawn and
the PWR_EN control is enabled. If the Emulation Retry
is not enabled, the UCS1002-3 flags “No Handshake”
and end the DCE Cycle using Trip Current Limiting.
Note:
To help prevent possible damage to a
portable device, the DPOUT and DMOUT
pins have current limiting in place when
the emulation profiles are applied.
Note:
If S0 = ‘0’ and a portable device is not
attached in DCE Cycle mode, the
UCS1002-3 is cycling through charger
emulation profiles (by default). There is no
guarantee which charger emulation profile
is applied first when a portable device is
attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com