Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 32 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 32 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 28Page - Microchip Technology UCS1002-3 Datasheet HTML 29Page - Microchip Technology UCS1002-3 Datasheet HTML 30Page - Microchip Technology UCS1002-3 Datasheet HTML 31Page - Microchip Technology UCS1002-3 Datasheet HTML 32Page - Microchip Technology UCS1002-3 Datasheet HTML 33Page - Microchip Technology UCS1002-3 Datasheet HTML 34Page - Microchip Technology UCS1002-3 Datasheet HTML 35Page - Microchip Technology UCS1002-3 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
UCS1002-3
DS20006852A-page 32
 2023 Microchip Technology Inc. and its subsidiaries
FIGURE 7-1:
Trip Current Limiting Operation.
7.1.4.2
Constant Current Limiting
(Variable Slope)
Constant Current Limiting is used when a portable
device handshakes using the BC1.2 DCP charger
emulation profile and the current drawn is greater than
ILIM (and ILIM
 1.5A). It is also used in BC1.2 CDP
mode and during the DCE Cycle when a charger emu-
lation profile is being applied and the emulation timeout
is active.
In CC mode, the port power switch enables the
attached portable device to reduce VBUS output
voltage to less than the input VS voltage while
maintaining current delivery. The V/I slope depends on
the user set ILIM value. This slope is held constant for
a given ILIM value.
Figure 7-2 shows operation of current limits while using
CC mode. Unlike trip mode, once IBUS current
exceeds ILIM, operation continues at a reduced
voltage and increased current. Note that the shaded
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
5.25
4.75
IBUS (Amps)
Operating
Current
0
0
0.9
1.2
1.2
1.0
0.9
0.5
1.5
2.5
1.8
2.0
= ILIM’s
1.8
Power Switch Voltage and Current Output
go to Zero when ILIM is Exceeded
Trip action
(ILIM = 0.5 A)
Trip action
(ILIM = 2.5 A)
ILIM (Amps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com