Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 89 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 89 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 85Page - Microchip Technology UCS1002-3 Datasheet HTML 86Page - Microchip Technology UCS1002-3 Datasheet HTML 87Page - Microchip Technology UCS1002-3 Datasheet HTML 88Page - Microchip Technology UCS1002-3 Datasheet HTML 89Page - Microchip Technology UCS1002-3 Datasheet HTML 90Page - Microchip Technology UCS1002-3 Datasheet HTML 91Page - Microchip Technology UCS1002-3 Datasheet HTML 92Page - Microchip Technology UCS1002-3 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 89
UCS1002-3
REGISTER 10-41: CUSTOM EMULATION STIMULUS 2 CONFIGURATION 2 REGISTER
(ADDRESS 46h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CS_S2_R2MAG[3:0]
CS_S2_R2[3:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
CS_S2_R2MAG[3:0]: Determines the magnitude of the response to the stimulus. The bit decode changes
meaning based on which response is selected. Data written to any field that is identified as “Do not use” is
not accepted. The data is not updated and the settings remain set at the previous value.
•For CS_S2_R2 settings 0000-0011, the response is a voltage applied on the DPOUT/DMOUT
pins. The CS_S2_R2MAG bits specify the voltage relative to ground.
•For CS_S2_R2 settings 0100, 0111, 1101-1111, the response is a resistor connected on the
DPOUT/DMOUT to GND or VBUS. The CS_S2_R2MAG bits specify the resistor value.
•For CS_S2_R2 settings 0110, 1001, 1100, the response is a voltage divider applied from VBUS
to GND with the center tap at DPOUT/DMOUT. The CS_S2_R2MAG bits specify the minimum
resistance of the voltage divider (Sum of R1 + R2).
0000 = Pull Down
0110 =600 mV
1100 =1800 mV
0001 = 400 mV
0111 =700 mV
1101 =2000 mV
0010 = 400 mV
1000 =800 mV
1110 =2200 mV
0011 = 400 mV
1001 =900 mV
1111 = Do not use
0100 = 400 mV
1010 = 1400 mV
0101 = 500 mV
1011 = 1600 mV
0000 =1.8 k
0110 =40 k
1100 =100 k
0001 =10 k
0111 =43 k
1101 =120 k
0010 =15 k
1000 =50 k
1110 =150 k
0011 =20 k
1001 =60 k
1111 = Do not use
0100 =25 k
1010 =75 k
0101 =30 k
1011 =80 k
0000 =93 k
0110 =200 k
1100 =200 k
0001 = 100 k
0111 =200 k
1101 =200 k
0010 = 125 k
1000 =93 k
1110 =200 k
0011 = 150 k
1001 =100 k
1111 = Do not use
0100 = 200 k
1010 =125 k
0101 = 200 k
1011 =150 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com