Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 6 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 6 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 2Page - Microchip Technology UCS1002-3 Datasheet HTML 3Page - Microchip Technology UCS1002-3 Datasheet HTML 4Page - Microchip Technology UCS1002-3 Datasheet HTML 5Page - Microchip Technology UCS1002-3 Datasheet HTML 6Page - Microchip Technology UCS1002-3 Datasheet HTML 7Page - Microchip Technology UCS1002-3 Datasheet HTML 8Page - Microchip Technology UCS1002-3 Datasheet HTML 9Page - Microchip Technology UCS1002-3 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
UCS1002-3
DS20006852A-page 6
 2023 Microchip Technology Inc. and its subsidiaries
Idle Reset
tIDLE_RESET
350
—
—
µs
Disabled by default
High-Speed Data Switch
High-Speed Data Switch – DC Parameters
Switch Leakage Current
IHSW_OFF
—
±0.5
—
µA
Switch open –
DPIN to DPOUT,
DMIN to DMOUT, or all four
pins to ground.
VDD
 VS
Charger Resistance
RCHG
2—
—
M
DPOUT or DMOUT to VBUS
or ground (see Figure 1-2),
BC1.2 DCP charger
emulation active
On Resistance
RON_HSW
—2
—
Switch closed, VDD = 5V
test current = 8 mA,
test voltage = 0.4V,
see Figure 1-2
On Resistance
RON_HSW_1
—5
—
Switch closed, VDD = 5V,
test current = 8 mA,
test voltage = 3.0V,
see Figure 1-2
Delta-On Resistance
RON_HSW
—±0.3
—
Switch closed, VDD = 5V,
ITST = 8 mA, VTST = 0 to 1.5V,
see Figure 1-2
High-Speed Data Switch – AC Parameters
DP, DM Capacitance to
Ground
CHSW_ON
—
4
—
pF
Switch closed, VDD = 5V
DP, DM Capacitance to
Ground
CHSW_OFF
—
2
—
pF
Switch open, VDD = 5V
Turn-Off Time
tHSW_OFF
—
400
—
µs
Time from state control
(EM_EN, M1, M2) switch ON
to switch OFF, RTERM =50,
CLOAD =5pF
Turn-On Time
tHSW_ON
—
400
—
µs
Time from state control
(EM_EN, M1, M2) switch OFF
to switch ON, RTERM =50,
CLOAD =5pF
Propagation Delay
tPD
—0.25
—
ns
RTERM =50, CLOAD =5pF
Propagation Delay Skew
tPD
—25
—
ps
RTERM =50, CLOAD =5pF
Rise/Fall Time
tF/R
—10
—
ns
RTERM =50, CLOAD =5pF
DP – DM Crosstalk
XTALK
—-40
—
dB
RTERM =50, CLOAD =5pF
Off Isolation
OIRR
—-30
—
dB
RTERM =50, CLOAD =5pF,
f= 240MHz
-3 dB Bandwidth
BW
—
1100
—
MHz
RTERM =50, CLOAD =5pF,
VDPOUT =VDMOUT = 350 mV DC
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1: For split supply systems using the Attach Detection feature, VS must not exceed VDD + 150 mV.
2: The current measurement full-scale range maximum value is 2.5A. However, the UCS1002-3 cannot
report values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.5A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com