Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 103 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 103 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 99Page - Microchip Technology UCS1002-3 Datasheet HTML 100Page - Microchip Technology UCS1002-3 Datasheet HTML 101Page - Microchip Technology UCS1002-3 Datasheet HTML 102Page - Microchip Technology UCS1002-3 Datasheet HTML 103Page - Microchip Technology UCS1002-3 Datasheet HTML 104Page - Microchip Technology UCS1002-3 Datasheet HTML 105Page - Microchip Technology UCS1002-3 Datasheet HTML 106Page - Microchip Technology UCS1002-3 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 103
UCS1002-3
11.2.4
I2C PROTOCOLS
The UCS1002-3 supports I2C Block Read and Block
Write. The protocols listed below use the convention in
Table 11-3.
11.2.4.1
Block Write
The Block Write is used to write multiple data bytes to
a group of contiguous registers as shown in Table 11-8.
11.2.4.2
Block Read
The Block Read is used to read multiple data bytes from
a group of contiguous registers as shown in Table 11-9.
Note:
When using the Block Write protocol, the
internal address pointer is automatically
incremented after every data byte is
received. It wraps from FFh to 00h.
TABLE 11-8:
BLOCK WRITE PROTOCOL
START
Client
Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
1 → 0
YYYY_YYY
0
0
XXh
0
XXh
0
Register
Data
ACK
Register
Data
ACK
. . .
Register
Data
ACK
STOP
XXh
0
XXh
0
. . .
XXh
0
0 → 1
Note:
When using the Block Read protocol, the
internal address pointer is automatically
incremented after every data byte is
received. It wraps from FFh to 00h.
TABLE 11-9:
BLOCK READ PROTOCOL
START
Client
Address
WR
ACK
Register
Address
ACK
START
Client
Address
RD
ACK
Register
Data
1 → 0
YYYY_YYY
0
0
XXh
0
1 → 0
YYYY_YYY
1
0
XXh
ACK
Register
Data
ACK
Register
Data
ACK
Register
Data
ACK
. . .
Register
Data
NACK
STOP
0
XXh
0
XXh
0
XXh
0
. . .
XXh
1
0 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com