Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 101 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 101 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 97Page - Microchip Technology UCS1002-3 Datasheet HTML 98Page - Microchip Technology UCS1002-3 Datasheet HTML 99Page - Microchip Technology UCS1002-3 Datasheet HTML 100Page - Microchip Technology UCS1002-3 Datasheet HTML 101Page - Microchip Technology UCS1002-3 Datasheet HTML 102Page - Microchip Technology UCS1002-3 Datasheet HTML 103Page - Microchip Technology UCS1002-3 Datasheet HTML 104Page - Microchip Technology UCS1002-3 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 101
UCS1002-3
11.2.1.4
SMBus ACK and NACK Bits
The SMBus client acknowledges all data bytes that it
receives. This is done by the client device pulling the
SMBus data line low after the 8th bit of each byte that is
transmitted. This applies to both the Write Byte and
Block Write protocols.
By holding the SMBus data line high after the 8th data
bit is sent, the host NACK (not acknowledge) the last
data byte received from the client. For the Block Read
protocol, the host ACK each data byte that it receives
except for the last data byte.
11.2.1.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the
SMBus data line from a logic ‘0’ state to a logic ‘1’ state
while the SMBus clock line is in a logic ‘1’ state. When
the UCS1002-3 detects an SMBus Stop bit, and
communicates with the SMBus protocol, it resets its
client interface and prepares to receive further
communications.
11.2.1.6
SMBus Timeout and Idle Reset
The UCS1002-3 includes an SMBus timeout feature. If
the clock is held at logic ‘0’ for tTIMEOUT, the device can
timeout and reset the SMBus interface. The SMBus
interface can also reset if both the clock and data lines are
held at a logic ‘1’ for tIDLE_RESET. Communication is
restored with a Start condition. This functionality defaults
to disabled and can be enabled by clearing the DIS_TO
bit in the Emulation Configuration register (Register 10-9).
11.2.2
SMBUS AND I2C COMPATIBILITY
The major differences between SMBus and I2C devices
are highlighted in this section. For more information,
refer to the SMBus 2.0 and I2C specifications.
• UCS1002-3 supports I2C fast mode at 400 kHz.
This covers the SMBus maximum time of 100 kHz.
• Minimum frequency for SMBus communications
is 10 kHz.
• The SMBus client protocol resets if the clock is
held at a logic ‘0’ for longer than 30 ms. This time-
out functionality is disabled by default in the
UCS1002-3 and can be enabled by clearing the
DIS_TO bit. I2C does not have a timeout.
• Except when operating in Sleep mode, the
SMBus client protocol resets if both the clock and
data lines are held at a logic ‘1’ for longer than
200 µs (idle condition). This function is disabled
by default in the UCS1002-3 device and can be
enabled by clearing the DIS_TO bit. I2C does not
have an idle condition.
•I2C devices do not support the Alert Response
Address functionality (optional for SMBus).
•I2C devices support block read and write
differently. I2C protocol enables for an unlimited
number of bytes to be sent in either direction. The
SMBus protocol requires that an additional data
byte indicating the number of bytes to read/write
is transmitted. The UCS1002-3 only supports I2C
formatting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com