Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-3 Datasheet(PDF) 108 Page - Microchip Technology

Part # UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Datasheet(HTML) 108 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 104Page - Microchip Technology UCS1002-3 Datasheet HTML 105Page - Microchip Technology UCS1002-3 Datasheet HTML 106Page - Microchip Technology UCS1002-3 Datasheet HTML 107Page - Microchip Technology UCS1002-3 Datasheet HTML 108Page - Microchip Technology UCS1002-3 Datasheet HTML 109Page - Microchip Technology UCS1002-3 Datasheet HTML 110Page - Microchip Technology UCS1002-3 Datasheet HTML 111Page - Microchip Technology UCS1002-3 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 114 page
background image
UCS1002-3
DS20006852A-page 108
 2023 Microchip Technology Inc. and its subsidiaries
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
2.80
2.80
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.00
Contact Pad Length (X20)
Contact Pad Width (X20)
Y1
X1
0.80
0.30
NOM
20-Lead Plastic Quad Flat, No Lead Package (G4) - 4x4 mm Body [QFN]
SILK SCREEN
1
2
20
C1
C2
E
X1
Y1
G1
Y2
X2
C1
Contact Pad Spacing
4.00
Contact Pad to Center Pad (X16)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
ØV
EV
EV
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Also called VQFN
Microchip Technology Drawing C04-2126-G4 Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com