Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX2160A-RDB-B Datasheet(PDF) 115 Page - NXP Semiconductors

Part # LX2160A-RDB-B
Description  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 108Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 109Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 110Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 111Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 112Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 113Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 114Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 115Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 116Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 115 / 116 page
background image
Appendix A
Revision History
The table below summarizes the revisions to this document.
Table 31. Revision history
Revision
Date
Topic cross-reference
Change description
Rev. 4
07/2020
Added notes throughout the document indicating that the
LX2160A processor does not support EVDD operation at
3.3 V but the LX2160ARDB can enable it
Board features
Updated DRR-related features in Table 3
DDR interface
Updated DDR4 port characteristics
eSDHC interface
Updated Figure 16
USB interface
Updated Figure 19 and added a note before the last
paragraph
Qixis Programming Model
Changed DIP switch names to switch numbers and fixed
other minor issues
Rev. 3
03/2020
DIP switches
• Updated details related to SW2[4:5], SW2[6],
SW3[1:3], SW3[5:7] in Table 21
• Updated Table 22
System controller
Removed signal name, RST_MEM[1:2]_B, from Figure 29
System startup
Removed RST_MEM[1:2]_B from list of reset devices in
Table 29
Qixis Programming Model
Updated details related to STAT_PRES1, RST_FORCE1,
RST_MASK1, and DUTCFG11 registers
Rev. 2
06/2019
Power supply sequence
Updated Figure 7
SerDes interface
Updated Table 10 to correct mapping between SerDes
lanes and SATA ports
JTAG port
Updated Figure 25 to correct voltage/resistor values and
TDI/TDO signal directions
DIP switches
Reformatted Table 22 to improve readability
Multi-status LEDs
Updated Table 24
Removed all references to PCIe Gen 4 from the document
Rev. 1
10/2018
eSDHC interface
Updated the section to mention recommendations against
a silicon erratum on EVDD
Rev. 0
09/2018
Initial public release
NXP Semiconductors
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
115 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com